Electronic Components Datasheet Search
  English  ▼

X  

FTK4008 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FTK4008
Description  N-CH 40V Fast Switching MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4008 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FTK4008 Datasheet HTML 1Page - First Silicon Co., Ltd FTK4008 Datasheet HTML 2Page - First Silicon Co., Ltd FTK4008 Datasheet HTML 3Page - First Silicon Co., Ltd FTK4008 Datasheet HTML 4Page - First Silicon Co., Ltd FTK4008 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
10
100
1000
1
5
9
13
17
21
25
VDS , Drain to Source Voltage (V)
F=1.0MHz
Ciss
Coss
Crss
0 . 0 1
0 . 1 0
1 . 0 0
10 . 0 0
100 . 0 0
0 . 1
1
10
100
VDS (V)
TA= 25℃
Single Puls e
1s
10 ms
100ms
DC
100us
0.0001
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
PDM
D = TON/T
TJpeak = TC + PDMx RθJC
TON
T
0.02
0.01
0.05
0.1
0.2
DUTY=0.5
SINGLE PULSE
Td(on)
Tr
Ton
Td(off)
Tf
Toff
VDS
VGS
90%
10%
Fig.8 Safe Operating Area
Fig.9 Normalized Maximum Transient Thermal Impedance
Fig.7 Capacitance
Fig.10 Switching Time Waveform
Fig.11 Gate Charge Waveform
N-CH 40V Fast Switching MOSFETs
FTK4008
2018. 09. 19
4/5
Revision No : 0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com