Electronic Components Datasheet Search
  English  ▼

X  

FTK4008 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK4008
Description  N-CH 40V Fast Switching MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4008 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK4008 Datasheet HTML 1Page - First Silicon Co., Ltd FTK4008 Datasheet HTML 2Page - First Silicon Co., Ltd FTK4008 Datasheet HTML 3Page - First Silicon Co., Ltd FTK4008 Datasheet HTML 4Page - First Silicon Co., Ltd FTK4008 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0
3
6
9
12
15
0
0.5
1
1.5
2
VDS , Drain-to-Source Voltage (V)
VGS=10V
VGS=7V
VGS=5V
VGS=4.5V
VGS=3V
35
40
45
50
4
6
8
10
VGS (V)
ID=4A
0
2
4
6
8
0.00
0.25
0.50
0.75
1.00
TJ=150℃
TJ=25℃
0
5
10
0
2 . 5
5
7 . 5
10
VDS=15V
ID=3A
0.2
0.6
1
1.4
1.8
-50
0
50
100
150
TJ ,Junction Temperature (℃ )
0.2
0.6
1.0
1.4
1.8
-50
0
50
100
150
TJ , Junction Temperature (℃)
Typical Characteristics
Fig.1 Typical Output Characteristics
Fig.2 On-Resistance vs. Gate-Source
Fig.4 Gate-Charge Characteristics
Fig.5 Normalized VGS(th) vs. TJ
Fig.6 Normalized RDSON vs. TJ
QG , T o t a l G a t e C h a r ge ( n C )
Fig.3 Forward Characteristics Of Reverse
VSD , Source-to-Drain Voltage (V)
7 5
2.5
N-CH 40V Fast Switching MOSFETs
FTK4008
2018. 09. 19
3/5
Revision No : 0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com