Electronic Components Datasheet Search
  English  ▼

X  

INA183 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA183
Description  INA183 2.7-V to 26-V, High-Precision Current Sense Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA183 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA183 Datasheet HTML 6Page - Texas Instruments INA183 Datasheet HTML 7Page - Texas Instruments INA183 Datasheet HTML 8Page - Texas Instruments INA183 Datasheet HTML 9Page - Texas Instruments INA183 Datasheet HTML 10Page - Texas Instruments INA183 Datasheet HTML 11Page - Texas Instruments INA183 Datasheet HTML 12Page - Texas Instruments INA183 Datasheet HTML 13Page - Texas Instruments INA183 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
8 Detailed Description
8.1 Overview
The INA183 is a 26-V common-mode, zero-drift topology, current-sensing amplifier meant for high-side, current-
sensing applications. The device is a specially-designed, current-sensing amplifier that can accurately measure
voltages developed across a current-sensing resistor. The device is capable of measuring current on input
voltage rails as high as 26 V and as low as 2.7 V.
The zero-drift topology enables high-precision measurements with maximum input offset voltages as low as
170 µV with a maximum temperature contribution of 0.5 µV/°C over the full temperature range of –40 °C to +125
°C.
8.2 Functional Block Diagram
The simplified functional diagram below shows the device power is provided by the voltage on the IN+ pin. This
diagram also shows the nominal values for the internal gain set resistors. The nominal value of these resistors
can vary by 20% or more; however, the matching between these resistors is tightly controlled. The matching of
these internal resistors results in a precise fixed gain that varies very little over temperature.
_
+
IN-
IN+
GND
OUT
R1
R1
R2
R2
DEVICE
GAIN
R1
R2
INA183A1
50
INA183A2
INA183A3
100
200
1 0Ÿ
20 NŸ
1 0Ÿ
10 NŸ
1 0Ÿ
5 NŸ
8.3 Feature Description
8.3.1 Single-Supply Operation from IN+
The INA183 does not have a dedicated power-supply. Instead, an internal connection to the IN+ pin serves as
the power supply for this device. This allows the device to be used in applications where lower voltage or sub-
regulated supply rails are not present. The operational voltage range on this pin is 2.7 V to 26 V and is designed
for power-supply applications. The maximum current drawn from the IN+ pin is 130 μA, when the current sense
voltage is zero.
8.3.2 Low Gain Error and Offset Voltage
The maximum gain error of the INA183 is 0.4% and is specified over the full operational temperature range. The
low gain error allows for accurate measurements as the sense voltage increases, and is designed for
applications that need to detect overcurrent conditions accurately. The offset voltage of the INA183 is specified
to be ±170 μV for all gain options. The low offset voltage allows for increased accuracy when the sense voltage
is small or allows for reduction in the size of the current sense resistor with less impact on the total measurement
accuracy. Smaller value resistors reduce the power loss in the application which allows the use of lower wattage
resistors that are generally lower cost.
8.3.3 Low Drift Architecture
The INA183 features low drift for both the gain error and offset voltage specifications. The low gain error drift of
10 PPM/ºC results from the well matched internal resistor network that sets the device gain. The low offset drift
INA183
SBOSA08 – FEBRUARY 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA183



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com