Electronic Components Datasheet Search
  English  ▼

X  

INA183 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA183
Description  INA183 2.7-V to 26-V, High-Precision Current Sense Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA183 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA183 Datasheet HTML 7Page - Texas Instruments INA183 Datasheet HTML 8Page - Texas Instruments INA183 Datasheet HTML 9Page - Texas Instruments INA183 Datasheet HTML 10Page - Texas Instruments INA183 Datasheet HTML 11Page - Texas Instruments INA183 Datasheet HTML 12Page - Texas Instruments INA183 Datasheet HTML 13Page - Texas Instruments INA183 Datasheet HTML 14Page - Texas Instruments INA183 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
is due to the internal chopping architecture of the amplifier. Input chopping reduces both the offset and offset drift
since any change in offset is canceled with each chopping cycle. The maximum input offset drift of the INA183 is
0.5 μV/ºC. The low drift of the gain error and offset voltage provides accurate current measurement over the
operational temperature range of -40ºC to 125ºC that exceeds the performance of most discrete current sensing
implementations.
8.4 Device Functional Modes
8.4.1 Normal Operation
The INA183 is in normal operation when the following conditions are met:
• The voltage at the IN+ pin is between 2.7 V and 26 V.
• The maximum differential input signal times the gain is less than VIN+ minus the output voltage swing to VIN+.
• The minimum differential input signal times the gain is greater than the swing to GND.
During normal operation, this device produces an output voltage that is the amplified representation of the
difference voltage from IN+ to IN–.
8.4.2 Unidirectional, High-Side Operation
The INA183 measures the differential voltage developed by current flowing through a resistor that is commonly
referred to as a current shunt resistor or current-sensing resistor. The INA183 operates in high-side,
unidirectional mode only, meaning it only senses current sourced from a power supply to a system load as
shown in Figure 8-1.
+
±
Internal
Amplifier
R1
R1
12-V
Supply
Load
IN+
IN±
RSENSE
OUT
GND
ISENSE
R2
R2
Figure 8-1. High-Side Unidirectional Application
8.4.3 Input Differential Overload
If the differential input voltage (VIN+ – VIN–) times gain exceeds the voltage swing specification, the INA183
drives the output as close as possible to the IN+ pin or ground, and does not provide accurate measurement of
the differential input voltage. If this input overload occurs during normal circuit operation, then reduce the value
of the shunt resistor or use a lower-gain version with the chosen sense resistor to avoid this mode of operation. If
a differential overload occurs in a fault event, then the output of the INA183 returns to the expected value
approximately 30 µs after removal of the fault condition. When the input differential voltage is overloaded the
bias currents will increase by a significant amount. The increase in bias currents will occur even with the device
is powered down. Input differential overloads less than the absolute maximum voltage rating do not damage the
device or result in an output inversion.
www.ti.com
INA183
SBOSA08 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: INA183



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com