Electronic Components Datasheet Search
  English  ▼

X  

INA183 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # INA183
Description  INA183 2.7-V to 26-V, High-Precision Current Sense Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA183 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA183 Datasheet HTML 11Page - Texas Instruments INA183 Datasheet HTML 12Page - Texas Instruments INA183 Datasheet HTML 13Page - Texas Instruments INA183 Datasheet HTML 14Page - Texas Instruments INA183 Datasheet HTML 15Page - Texas Instruments INA183 Datasheet HTML 16Page - Texas Instruments INA183 Datasheet HTML 17Page - Texas Instruments INA183 Datasheet HTML 18Page - Texas Instruments INA183 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
10 Power Supply Recommendations
The device is powered from the IN+ pin with a voltage from 2.7 V to 26 V. The voltage at the output will also be
limited by this voltage during overload or fault conditions. Also, the INA183 can withstand the full input signal
range up to 26 V on the IN– pin, regardless of whether the device has power applied or not.
11 Layout
11.1 Layout Guidelines
• Connect the input pins to the sensing resistor using a kelvin or 4-wire connection. This connection technique
ensures that only the current-sensing resistor impedance is detected between the input pins. Poor routing of
the current-sensing resistor commonly results in additional resistance present between the input pins. Given
the very low ohmic value of the current resistor, any additional high-current carrying impedance can cause
significant measurement errors.
• Place the power-supply bypass capacitor as close as possible to the IN+ pin and ground pins. TI
recommends using a bypass capacitor with a value of 0.1 μF. Additional decoupling capacitance can be
added to compensate for noisy or high-impedance power supplies.
11.2 Layout Example
CBYPASS
Current Sense
Output
RSHUNT
LOAD
Direction of
Current Flow
VIA to Ground
Plane
Bus Voltage:
2.7 V to 26 V
OUT
GND
IN-
IN+
GND
Figure 11-1. Recommended Layout
www.ti.com
INA183
SBOSA08 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: INA183



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com