Electronic Components Datasheet Search
  English  ▼

X  

LM1117 Datasheet(PDF) 8 Page - ON Semiconductor

Part # LM1117
Description  800 mA Low-Dropout Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM1117 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LM1117 Datasheet HTML 4Page - ON Semiconductor LM1117 Datasheet HTML 5Page - ON Semiconductor LM1117 Datasheet HTML 6Page - ON Semiconductor LM1117 Datasheet HTML 7Page - ON Semiconductor LM1117 Datasheet HTML 8Page - ON Semiconductor LM1117 Datasheet HTML 9Page - ON Semiconductor LM1117 Datasheet HTML 10Page - ON Semiconductor LM1117 Datasheet HTML 11Page - ON Semiconductor LM1117 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
LM1117
www.onsemi.com
8
APPLICATIONS INFORMATION
Introduction
The LM1117 features a significant reduction in dropout
voltage along with enhanced output voltage accuracy and
temperature stability when compared to older industry
standard three−terminal adjustable regulators. These
devices contain output current limiting, safe operating area
compensation and thermal shutdown protection making
them designer friendly for powering numerous consumer
and industrial products. The LM1117 series is pin
compatible with the older LM317 and its derivative device
types.
Output Voltage
The typical application circuits for the fixed and
adjustable output regulators are shown in Figures 23 and 24.
The adjustable devices are floating voltage regulators. They
develop and maintain the nominal 1.25 V reference voltage
between the output and adjust pins. The reference voltage is
programmed to a constant current source by resistor R1, and
this current flows through R2 to ground to set the output
voltage. The programmed current level is usually selected to
be greater than the specified 5.0 mA minimum that is
required for regulation. Since the adjust pin current, Iadj, is
significantly lower and constant with respect to the
programmed load current, it generates a small output
voltage error that can usually be ignored. For the fixed
output devices R1 and R2 are included within the device and
the ground current Ignd, ranges from 3.0 mA to 5.0 mA
depending upon the output voltage.
External Capacitors
Input bypass capacitor Cin may be required for regulator
stability if the device is located more than a few inches from
the power source. This capacitor will reduce the circuit’s
sensitivity when powered from a complex source impedance
and significantly enhance the output transient response. The
input bypass capacitor should be mounted with the shortest
possible track length directly across the regulator’s input
and ground terminals. A 10
mF ceramic or tantalum
capacitor should be adequate for most applications.
Figure 23. Fixed Output Regulator
1
2
Output
3
Input
LM1117
XTXX
++
Cout
Cin
Ignd
Frequency compensation for the regulator is provided by
capacitor Cout and its use is mandatory to ensure output
stability. A minimum capacitance value of 4.7
mF with an
equivalent series resistance (ESR) that is within the limits of
33 m
W (typ) to 2.2 W is required. See Figures 12 and 13. The
capacitor type can be ceramic, tantalum, or aluminum
electrolytic as long as it meets the minimum capacitance
value and ESR limits over the circuit’s entire operating
temperature range. Higher values of output capacitance can
be used to enhance loop stability and transient response with
the additional benefit of reducing output noise.
Figure 24. Adjustable Output Regulator
1
2
Output
3
Input
LM1117
XTA
++
Cout
Cin
Iadj
R2
+
Cadj
Vref
R1
Vout + Vref 1 ) R2
R1 )
Iadj R2
The output ripple will increase linearly for fixed and
adjustable devices as the ratio of output voltage to the
reference voltage increases. For example, with a 12 V
regulator, the output ripple will increase by 12 V/1.25 V or
9.6 and the ripple rejection will decrease by 20 log of this
ratio or 19.6 dB. The loss of ripple rejection can be restored
to the values shown with the addition of bypass capacitor
Cadj, shown in Figure 24. The reactance of Cadj at the ripple
frequency must be less than the resistance of R1. The value
of R1 can be selected to provide the minimum required load
current to maintain regulation and is usually in the range of
100
W to 200 W.
Cadj u
1
2 p fripple R1
The minimum required capacitance can be calculated
from the above formula. When using the device in an
application that is powered from the AC line via a
transformer and a full wave bridge, the value for Cadj is:
fripple + 120 Hz, R1 + 120 W, then Cadj u 11.1 mF
The value for Cadj is significantly reduced in applications
where the input ripple frequency is high. If used as a post
regulator in a switching converter under the following
conditions:
fripple + 50 kHz, R1 + 120 W, then Cadj u 0.027 mF
Figures 10 and 11 shows the level of ripple rejection that
is obtainable with the adjust pin properly bypassed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com