Electronic Components Datasheet Search
  English  ▼

X  

LM1117 Datasheet(PDF) 2 Page - ON Semiconductor

Part # LM1117
Description  800 mA Low-Dropout Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM1117 Datasheet(HTML) 2 Page - ON Semiconductor

  LM1117 Datasheet HTML 1Page - ON Semiconductor LM1117 Datasheet HTML 2Page - ON Semiconductor LM1117 Datasheet HTML 3Page - ON Semiconductor LM1117 Datasheet HTML 4Page - ON Semiconductor LM1117 Datasheet HTML 5Page - ON Semiconductor LM1117 Datasheet HTML 6Page - ON Semiconductor LM1117 Datasheet HTML 7Page - ON Semiconductor LM1117 Datasheet HTML 8Page - ON Semiconductor LM1117 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LM1117
www.onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
Vin
20
V
Output Short Circuit Duration (Notes 2 and 3)
−
Infinite
−
Power Dissipation and Thermal Characteristics
Case 318H (SOT−223)
Power Dissipation (Note 2)
Thermal Resistance, Junction−to−Ambient, Minimum Size Pad
Thermal Resistance, Junction−to−Case
PD
RqJA
RqJC
Internally Limited
160
15
W
°C/W
°C/W
Maximum Die Junction Temperature Range
TJ
−55 to 150
°C
Storage Temperature Range
Tstg
−65 to 150
°C
Operating Ambient Temperature Range
TA
0 to +125
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model (HBM), Class 2, 2000 V
Machine Model (MM), Class B, 200 V
Charge Device Model (CDM), Class IV, 2000 V.
2. Internal thermal shutdown protection limits the die temperature to approximately 175°C. Proper heatsinking is required to prevent activation.
The maximum package power dissipation is:
PD +
TJ(max) * TA
RqJA
3. The regulator output current must not exceed 1.0 A with Vin greater than 12 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com