Electronic Components Datasheet Search
  English  ▼

X  

LM1117 Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM1117
Description  800 mA Low-Dropout Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM1117 Datasheet(HTML) 3 Page - ON Semiconductor

  LM1117 Datasheet HTML 1Page - ON Semiconductor LM1117 Datasheet HTML 2Page - ON Semiconductor LM1117 Datasheet HTML 3Page - ON Semiconductor LM1117 Datasheet HTML 4Page - ON Semiconductor LM1117 Datasheet HTML 5Page - ON Semiconductor LM1117 Datasheet HTML 6Page - ON Semiconductor LM1117 Datasheet HTML 7Page - ON Semiconductor LM1117 Datasheet HTML 8Page - ON Semiconductor LM1117 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LM1117
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS
(Cin = 10 mF, Cout = 10 mF, for typical value TA = 25°C, for min and max values TA is the operating ambient temperature range that applies
unless otherwise noted.) (Note 4)
Characteristic
Symbol
Min
Typ
Max
Unit
Reference Voltage, Adjustable Output Devices
(Vin–Vout = 2.0 V, Iout = 10 mA, TA = 25°C)
(Vin–Vout = 1.4 V to 10 V, Iout = 10 mA to 800 mA) (Note 4)
Vref
1.238
1.225
1.25
−
1.262
1.270
V
Output Voltage, Fixed Output Devices
1.8 V (Vin = 3.8 V, Iout = 10 mA, TA = 25 °C)
(Vin = 3.2 V to 11.8 V, Iout = 0 mA to 800 mA) (Note 4)
2.5 V (Vin = 4.5 V, Iout = 10 mA, TA = 25 °C)
(Vin = 3.9 V to 10 V, Iout = 0 mA to 800 mA,) (Note 4)
3.3 V (Vin = 5.3 V, Iout = 10 mA, TA = 25 °C)
(Vin = 4.75 V to 10 V, Iout = 0 mA to 800 mA) (Note 4)
5.0 V (Vin = 7.0 V, Iout = 10 mA, TA = 25 °C)
(Vin = 6.5 V to 12 V, Iout = 0 mA to 800 mA) (Note 4)
Vout
1.782
1.755
2.475
2.450
3.267
3.235
4.950
4.900
1.800
−
2.500
−
3.300
−
5.000
−
1.818
1.845
2.525
2.550
3.333
3.365
5.050
5.100
V
Line Regulation (Note 5)
Adjustable (Vin = 2.75 V to 16.25 V, Iout = 10 mA)
Regline
−
0.04
0.1
%
1.8 V (Vin = 3.2 V to 11.8 V, Iout = 0 mA)
2.5 V (Vin = 3.9 V to 10 V, Iout = 0 mA)
3.3 V (Vin = 4.75 V to 15 V, Iout = 0 mA)
5.0 V (Vin = 6.5 V to 15 V, Iout = 0 mA)
−
−
−
−
0.4
0.5
0.8
0.9
1.0
2.5
4.5
6.0
mV
Load Regulation (Note 5)
Adjustable (Iout = 10 mA to 800 mA, Vin = 4.25 V)
Regline
−
0.2
0.4
%
1.8 V (Iout = 0 mA to 800 mA, Vin = 3.2 V)
2.5 V (Iout = 0 mA to 800 mA, Vin = 3.9 V)
3.3 V (Iout = 0 mA to 800 mA, Vin = 4.75 V)
5.0 V (Iout = 0 mA to 800 mA, Vin = 6.5 V)
−
−
−
−
2.6
3.3
4.3
6.7
6.0
7.5
10
15
mV
Dropout Voltage (Measured at Vout − 100 mV)
(Iout = 100 mA)
(Iout = 500 mA)
(Iout = 800 mA)
Vin−Vout
−
−
−
0.95
1.01
1.07
1.10
1.15
1.20
V
Output Current Limit (Vin−Vout = 5.0 V, TA = 25°C, Note 6)
Iout
1000
1500
2200
mA
Minimum Required Load Current for Regulation, Adjustable Output Devices
(Vin = 15 V)
IL(min)
−
0.8
5.0
mA
Quiescent Current
1.8 V (Vin = 11.8 V)
2.5 V (Vin = 10 V)
3.3 V (Vin = 15 V)
5.0 V (Vin = 15 V)
IQ
−
−
−
−
4.2
5.2
6.0
6.0
10
10
10
10
mA
Thermal Regulation (TA = 25°C, 30 ms Pulse)
−
0.01
0.1
%/W
Ripple Rejection (Vin−Vout = 6.4 V, Iout = 500 mA, 10 Vpp 120 Hz Sinewave)
Adjustable
1.8 V
2.5 V
3.3 V
5.0 V
RR
67
66
62
60
57
73
70
68
64
61
−
−
−
−
−
dB
Adjustment Pin Current (Vin = 11.25 V, Iout = 800 mA)
Iadj
−
52
120
mA
Adjust Pin Current Change
(Vin−Vout = 1.4 V to 10 V, Iout = 10 mA to 800 mA)
DIadj
−
0.4
5.0
mA
Temperature Stability
ST
−
0.5
−
%
Long Term Stability (TA = 25°C, 1000 Hrs End Point Measurement)
St
−
0.3
−
%
RMS Output Noise (f = 10 Hz to 10 kHz)
N
−
0.003
−
%Vout
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. LM1117: Tlow = 0°C ,
Thigh = 125°C
5. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
6. The regulator output current must not exceed 1.0 A with Vin greater than 12 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com