Electronic Components Datasheet Search
  English  ▼

X  

LTC7103 Datasheet(PDF) 43 Page - Analog Devices

Part # LTC7103
Description  Six-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7103 Datasheet(HTML) 43 Page - Analog Devices

Back Button LTC7103 Datasheet HTML 39Page - Analog Devices LTC7103 Datasheet HTML 40Page - Analog Devices LTC7103 Datasheet HTML 41Page - Analog Devices LTC7103 Datasheet HTML 42Page - Analog Devices LTC7103 Datasheet HTML 43Page - Analog Devices LTC7103 Datasheet HTML 44Page - Analog Devices LTC7103 Datasheet HTML 45Page - Analog Devices LTC7103 Datasheet HTML 46Page - Analog Devices LTC7103 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
LTC7871
43
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 15.
+
RHIGH
VHIGH
VLOW
CHIGH
+
CLOW
D1
SW2
SW1
L1
RSENSE
RLOW
7871 F15
BOLD LINES INDICATE HIGH, SWITCHING CURRENTS. KEEP LINES TO A MINIMUM LENGTH
Branch Current Waveforms (Buck Mode Shown)
6. Keep the switching nodes away from sensitive small-
signal nodes (SNSD+, SNSA+, SNS–, VFB). Ideally the
switch nodes printed circuit traces should be routed
away and separated from the IC and especially the
quiet side of the IC. Separate the high dV/dt traces
from sensitive small-signal nodes with ground traces
or ground planes.
7. Use a low impedance source such as a logic gate to
drive the SYNC pin and keep the PCB trace as short
as possible.
8. The ceramic capacitors between each ITH pin and sig-
nal ground should be placed as close as possible to
the IC. Figure 15 illustrates all branch currents in a
switching regulator. It becomes very clear after study-
ing the current waveforms why it is critical to keep
the high switching current paths to a small physical
size. High electric and magnetic fields will radiate from
these loops just as radio stations transmit signals. The
CLOW ground should return to the negative terminal of
CHIGH and not share a common ground path with any
switched current paths. The left half of the circuit gives
rise to the noise generated by a switching regulator.
The ground terminations of the bottom MOSFET and
Schottky diode should return to the bottom plate(s) of
the VHIGH capacitor(s) with a short isolated PC trace
since very high switched currents are present. External
OPTI-LOOP® compensation allows overcompensation
for PC layouts which are not optimized, but this is not
the recommended design procedure.
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of
the IC. These items are also illustrated graphically in the
layout diagram of Figure 15. Check the following in the
PC layout:
1. The DRVCC bypass capacitor should be placed imme-
diately adjacent to the IC between the DRVCC pin and
the GND plane. A 1μF ceramic capacitor of the X7R or
X5R type is small enough to fit very close to the IC. An
additional 4.7μF to 10μF of ceramic, tantalum or other
very low ESR capacitance is recommended in order to
keep the internal IC supply quiet.
2. The V5 bypass capacitor should be placed immediately
adjacent to the IC between the V5 and the SGND pins.
A 4.7μF to 10μF capacitor of ceramic, tantalum or other
very low ESR capacitance is recommended.
3. Place the feedback divider between the + and – terminals
of CLOW/CHIGH. Route VFBLOW/VFBHIGH with minimum
PC trace spacing from the IC to the feedback dividers.
4. Are the SNSA+, SNSD+ and SNS– printed circuit traces
routed together with minimum PC trace spacing? The
filter capacitors between SNSA+, SNSD+ and SNS–
should be as close as possible to the pins of the IC.
5. Do the (+) plates of CHIGH decoupling cap connect to
the drain of the topside MOSFET as closely as pos-
sible? This capacitor provides the pulsed current to
the MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com