Electronic Components Datasheet Search
  English  ▼

X  

LTC7103 Datasheet(PDF) 45 Page - Analog Devices

Part # LTC7103
Description  Six-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7103 Datasheet(HTML) 45 Page - Analog Devices

Back Button LTC7103 Datasheet HTML 40Page - Analog Devices LTC7103 Datasheet HTML 41Page - Analog Devices LTC7103 Datasheet HTML 42Page - Analog Devices LTC7103 Datasheet HTML 43Page - Analog Devices LTC7103 Datasheet HTML 44Page - Analog Devices LTC7103 Datasheet HTML 45Page - Analog Devices LTC7103 Datasheet HTML 46Page - Analog Devices LTC7103 Datasheet HTML 47Page - Analog Devices LTC7103 Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
LTC7871
45
Rev. 0
For more information www.analog.com
PSYNC =
48V –12V
48V
•15A2
• (1
+0.005• 75°C–25°C
(
))•5.2mΩ
[
]
⎧
⎨
⎪
⎩
⎪
⎫
⎬
⎪
⎭
⎪
•2
= 1.1W
{
}•2
= 2.2W
CHIGH is chosen for an equivalent RMS current rating of
at least 20A. CLOW is chosen with an equivalent ESR of
10mΩ for low output ripple. The VLOW output ripple in
continuous mode will be highest at the maximum VHIGH
voltage. The VLOW output voltage ripple due to ESR
is approximately:
VLOWRIPPLE = RESR • ∆IL = 0.01Ω • 8.8A = 88mV
Further reductions in VLOW output voltage ripple can be
made by placing ceramic capacitors across CLOW.
If the output load is a battery, the voltage loop is first set
for the desired output voltage and then the charge current
can be regulated using the current regulation loop—via
the SETCUR and IMON pins. Selecting a maximum charge
current of 120A, the desired SETCUR pin voltage is cal-
culated using:
VSETCUR =
K •IL MAX
(
) •RSENSE
6
=
20 •120A •1m
Ω
6
= 400mV
The SETCUR pin can be driven by an ADC’s output to
400mV for the best accuracy. If one is not available, the
16μA current sourced out of the SETCUR pin can be used
to set the voltage with a resistor from SETCUR to ground,
calculated using:
RSETCUR =
400mV
16µA
= 25k
A 1% or more accurate 30.1k resistor can be chosen to
allow some design margin. The 16μA current out of the
SETCUR pin can be programmed by the SPI interface so
the maximum charge current can be changed on-the-fly.
Typically, C1 is selected in the range of 0.047μF to 0.47μF.
If C1 is chosen to be 0.1μF, R1 and R2 will be 16.9kΩ
and 1.69kΩ respectively. The bias current at SNSD+ and
SNSA+ is about 50nA, and it causes some small error to
the current sense signal. If C2 is also chosen to be 0.1μF,
R3 will be 1.5kΩ.
Figure 17.
LTC7871
7871 F17
R1
16.9k
C1
0.1µF
SNSD+
SNS–
SNSA+
R3
1.5k
L
6.8µH
SW
C2
0.1µF
RS
1m
+
VLOW
R2
1.69k
RSENSE Resistor Sensing in Design Example
The power dissipation on the top MOSFET can be eas-
ily estimated. Set the gate drive voltage (DRVCC) to be
10V. Choosing two Infineon BSC117N08NS5 MOSFETs
results in:
RDS(ON) = 11.7mΩ (max),
VMILLER = 5V, CMILLER ≅ 19pF.
At typical VHIGH voltage with TJ (estimated) = 75°C:
PMAIN =
12V
48V
•15A2
• (1
+0.005• 75°C–25°C
(
))•11.7mΩ
[
]
+48V2 •
15A
2
• 4
Ω•19pF
•
1
10
−5
+
1
5
⎛
⎝⎜
⎞
⎠⎟ •150k
⎧
⎨
⎪
⎪
⎪
⎪⎪
⎩
⎪
⎪
⎪
⎪
⎪
⎫
⎬
⎪
⎪
⎪
⎪⎪
⎭
⎪
⎪
⎪
⎪
⎪
•2
= 823mW+79mW
{
}•2
= 1804mW
Two Infineon BSC052N08NS5 MOSFETs, RDS(ON) =
5.2mΩ, COSS = 370pF are chosen for the bottom MOSFET.
The resulting power loss is:
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com