Electronic Components Datasheet Search
  English  ▼

X  

LTM8056 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM8056
Description  36V, 1.5A Buck-Boost 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8056 Datasheet(HTML) 4 Page - Analog Devices

  LTM8056 Datasheet HTML 1Page - Analog Devices LTM8056 Datasheet HTML 2Page - Analog Devices LTM8056 Datasheet HTML 3Page - Analog Devices LTM8056 Datasheet HTML 4Page - Analog Devices LTM8056 Datasheet HTML 5Page - Analog Devices LTM8056 Datasheet HTML 6Page - Analog Devices LTM8056 Datasheet HTML 7Page - Analog Devices LTM8056 Datasheet HTML 8Page - Analog Devices LTM8056 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTM8083
4
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
3.3VOUT Efficiency
5VOUT Efficiency
8VOUT Efficiency
TA = 25°C, unless otherwise noted.
12VOUT Efficiency
18VOUT Efficiency
24VOUT Efficiency
36VOUT Efficiency
Transient Response from
3.3VIN to 5VOUT
Transient Response from
5VIN to 5VOUT
LOAD CURRENT (A)
0
95
90
85
80
75
70
8083 G01
1.5
0.6
1.2
0.3
0.9
VIN = 3.3V
VIN = 5V
VIN = 12V
VIN = 24V
LOAD CURRENT (A)
0
100
95
90
85
80
75
70
8083 G04
1.5
0.6
1.2
0.3
0.9
VIN = 3.3V
VIN = 6V
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (A)
0
100
95
90
85
80
75
70
8083 G07
1.5
0.6
1.2
0.3
0.9
VIN = 12V
VIN = 18V
VIN = 24V
VIN = 36V
LOAD CURRENT (A)
0
95
90
85
80
75
65
70
8083 G02
1.5
0.6
1.2
0.3
0.9
VIN = 3.3V
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (A)
0
100
95
90
85
80
75
70
8083 G05
1.5
0.6
1.2
0.3
0.9
VIN = 5V
VIN = 12V
VIN = 18V
VIN = 24V
VIN = 36V
LOAD CURRENT (A)
0
95
90
85
80
75
65
70
8083 G03
1.5
0.6
1.2
0.3
0.9
VIN = 3.3V
VIN = 5V
VIN = 8V
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (A)
0
100
95
90
85
80
75
70
8083 G06
1.5
0.6
1.2
0.3
0.9
VIN = 8V
VIN = 12V
VIN = 18V
VIN = 24V
VIN = 36V
200µs/DIV
VIN = 3.3V, VOUT = 5V, fSW = 1MHz,
0.375A (25%) LOAD STEP, 0.375A/s
COUT = 10F CERAMIC
INTERNAL COMPENSATION
8083 G08
VOUT(AC)
200mV/DIV
ILOAD
200mA/DIV
200µs/DIV
VIN = 5V, VOUT = 5V, fSW = 1MHz,
0.375A (25%) LOAD STEP, 0.375A/s
COUT = 10F CERAMIC
INTERNAL COMPENSATION
8083 G09
VOUT(AC)
200mV/DIV
ILOAD
200mA/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com