Electronic Components Datasheet Search
  English  ▼

X  

LTM8056 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM8056
Description  36V, 1.5A Buck-Boost 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8056 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM8056 Datasheet HTML 7Page - Analog Devices LTM8056 Datasheet HTML 8Page - Analog Devices LTM8056 Datasheet HTML 9Page - Analog Devices LTM8056 Datasheet HTML 10Page - Analog Devices LTM8056 Datasheet HTML 11Page - Analog Devices LTM8056 Datasheet HTML 12Page - Analog Devices LTM8056 Datasheet HTML 13Page - Analog Devices LTM8056 Datasheet HTML 14Page - Analog Devices LTM8056 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTM8083
11
Rev. 0
For more information www.analog.com
Figure 2. CISPR 25 Average Conducted EMI
Figure 3. CISPR 25 Average Radiated EMI
APPLICATIONS INFORMATION
To suppress high frequency switching spikes, ceramic
capacitors of at least 1µF should be placed from VIN to
GND and VOUT to GND as close to the LTM8083 pins as
possible. Due to their excellent low ESR characteristics,
ceramic capacitors can significantly reduce input ripple
voltage and help reduce power loss in the higher ESR
bulk capacitors. X5R or X7R capacitors of dielectrics
are preferred, as these materials retain their capacitance
over wide voltage and temperature ranges. Other types,
including Y5V and Z5U have very large temperature and
voltage coefficients of capacitance. Many ceramic capac-
itors, particularly 0805 or 0603 case sizes, have greatly
reduced capacitance at the desired operating voltage. In
an application circuit, they may have only a small fraction
of their nominal capacitance resulting in much higher out-
put voltage ripple than expected.
Input Capacitance CIN:
Discontinuous input current is highest in the buck region
due to the top switch M1 toggling on and off. A 10nF
low-ESL three-terminal capacitor is integrated inside the
module to decouple high-frequency input noise. Make
sure that the CIN capacitor network has low enough ESR
and is sized to handle the maximum RMS current. In buck
region, the input RMS current is given by:
IRMS = IoMAX •
VOUT
VIN
VIN
VOUT
– 1
The formula has a maximum at VIN = 2VOUT, where IRMS =
IoMAX/2. This simple worst-case condition is commonly
used for design.
Output Capacitance COUT:
Discontinuous current shifts from the input to the output
in the boost region. Make sure that the COUT capacitor
network is capable of reducing the output voltage rip-
ple. The effects of ESR and the bulk capacitance must be
considered when choosing the right capacitor for a given
and the internal oscillator frequency. The rising edge of
the synchronization clock represents the beginning of a
switching cycle.
CIN and COUT Selection
Input and output capacitors are necessary to suppress
voltage ripple caused by discontinuous current moving in
or out of the regulator. A parallel combination of capaci-
tors is typically used to achieve high capacitance and low
equivalent series resistance (ESR). Dry tantalum, special
polymer, aluminum electrolytic and ceramic capacitors are
all available in surface mount packages. Capacitors with
low ESR and high ripple current ratings, such as OS-CON
and POSCAP are also available.
FREQUENCY (Hz)
150k
80
–10
70
50
30
10
60
40
20
0
–20
8083 F01
108M
10M
1M
CLASS 5 LIMITS
MAX EMISSIONS
FREQUENCY (Hz)
150k
80
–10
70
50
30
10
60
40
20
0
–20
100M
8083 F02
1G
10M
1M
CLASS 5 LIMITS
MAX EMISSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com