Electronic Components Datasheet Search
  English  ▼

X  

LTM8056 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM8056
Description  36V, 1.5A Buck-Boost 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8056 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM8056 Datasheet HTML 4Page - Analog Devices LTM8056 Datasheet HTML 5Page - Analog Devices LTM8056 Datasheet HTML 6Page - Analog Devices LTM8056 Datasheet HTML 7Page - Analog Devices LTM8056 Datasheet HTML 8Page - Analog Devices LTM8056 Datasheet HTML 9Page - Analog Devices LTM8056 Datasheet HTML 10Page - Analog Devices LTM8056 Datasheet HTML 11Page - Analog Devices LTM8056 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTM8083
8
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
BLOCK DIAGRAM
ISP (Pin G3): Positive Terminal of Current Sense Resistor.
Ensure accurate current sense with Kelvin connection.
SYNC (Pin G6): Switching Frequency Synchronization
or Spread Spectrum Enable. Ground this pin to switch
at the internal oscillator frequency. Apply a clock signal
for external frequency synchronization. Tie to INTVCC for
25% triangle spread spectrum above internal oscillator
frequency.
TST1 (Pin G7): Test Pin 1. This pin is used in production
testing. This pin must be floated. Do not drive a voltage
to this pin.
VOUT
GND
8083 BD
ISP
L
M2
M1
M4
M3
ISN
FB
ISMON
RT
SVIN
VIN
EN/UVLO
OVLO
CTRL
SS
10nF
100k
SYNC
VC
TST1
TST2
INTVCC
BUCK-BOOST CONTROLLER
100k
2VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com