Electronic Components Datasheet Search
  English  ▼

X  

ES9038 Datasheet(PDF) 20 Page - ESS Technology,Inc

Part # ES9038
Description  Flagship 32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038 Datasheet(HTML) 20 Page - ESS Technology,Inc

Back Button ES9038 Datasheet HTML 16Page - ESS Technology,Inc ES9038 Datasheet HTML 17Page - ESS Technology,Inc ES9038 Datasheet HTML 18Page - ESS Technology,Inc ES9038 Datasheet HTML 19Page - ESS Technology,Inc ES9038 Datasheet HTML 20Page - ESS Technology,Inc ES9038 Datasheet HTML 21Page - ESS Technology,Inc ES9038 Datasheet HTML 22Page - ESS Technology,Inc ES9038 Datasheet HTML 23Page - ESS Technology,Inc ES9038 Datasheet HTML 24Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
CONFIDENTIAL ADVANCE INFORMATION v3.6
March 5, 2019
ES9038PRO Flagship 32-Bit HyperStream® II 8-Channel Audio DAC
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
20
Register 6: De-emphasis Filter & Volume Ramp Rate
Bits
[7]
[6]
[5:4]
[3]
[2:0]
Mnemonic
auto_deemph
deemph_bypass
deemph_sel
reserved
volume_rate
Default
1’b0
1’b1
2’b00
1’b1
2’b010
Bit
Mnemonic
Description
[7]
auto_deemph
Automatically engages the de-emphasis filters when SPDIF data is
provides and the SPDIF channel status bits contains valid de-
emphasis settings.
•
1’b1: enables automatic de-emphasis
•
1’b0: disables automatic de-emphasis (default)
[6]
deemph_bypass
Enables or disables the built-in de-emphasis filters.
•
1'b1 disabled de-emphasis filters (default)
•
1'b0 enables de-emphasis filters
[5:4]
deemph_sel
Selects which de-emphasis filter is used.
•
2’b11: reserved
•
2’b10: 48kHz
•
2’b01: 44.1kHz
•
2’b00: 32kHz (default)
[3]
reserved
Must be set to 1’b1 (default) for normal operation
[2:0]
volume_rate
Selects a volume ramp rate to use when transitioning between
different volume levels. The volume ramp rate is measured in decibels
per second (dB/s). Volume rate is in the range 0-7.
rate =
2vol_rate ∗ FSR
512
dB/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com