Electronic Components Datasheet Search
  English  ▼

X  

ES9038 Datasheet(PDF) 58 Page - ESS Technology,Inc

Part # ES9038
Description  Flagship 32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038 Datasheet(HTML) 58 Page - ESS Technology,Inc

Back Button ES9038 Datasheet HTML 50Page - ESS Technology,Inc ES9038 Datasheet HTML 51Page - ESS Technology,Inc ES9038 Datasheet HTML 52Page - ESS Technology,Inc ES9038 Datasheet HTML 53Page - ESS Technology,Inc ES9038 Datasheet HTML 54Page - ESS Technology,Inc ES9038 Datasheet HTML 55Page - ESS Technology,Inc ES9038 Datasheet HTML 56Page - ESS Technology,Inc ES9038 Datasheet HTML 57Page - ESS Technology,Inc ES9038 Datasheet HTML 58Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 58 / 58 page
background image
CONFIDENTIAL ADVANCE INFORMATION v3.6
March 5, 2019
ES9038PRO Flagship 32-Bit HyperStream® II 8-Channel Audio DAC
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
58
ORDERING INFORMATION
Part Number
Description
Package
ES9038PRO
SABRE PRO Flagship 32-Bit 8-Channel Hyperstream® II Audio DAC
64-eTQFP
Revision History
Rev.
Date
Notes
0.1
December 22, 2015
Initial release
1.0
April 21, 2016
Revision 1.0 release
1.1
April 26, 2016
Added description of DSD over PCM (DoP) support.
2.0
July 7, 2016
Revision 2.0 release
2.02
July 18, 2016
Update power consumption table
2.1
August 22, 2016
Correct register #6[6] to deemph_bypass
Add notes that multi-byte registers use little-endian ordering
2.5
October 13, 2016
Updated register #54[7]
Updated Asychronous Mode to 128Fs
2.6
March 8, 2017
Updated Register #63 [3:2]
2.7
April 21, 2017
Fixed typo in note for Register #63
2.8
July 7, 2017
Inserted Note 2 for Recommended Operating Conditions
Inserted Note 1 for MCLK DSD requirements under Analog Performance section
Added 1.3V recommendation for DVDD to Pin Description
3.0
August 24, 2017
Added Paralleling the Outputs of the ES9038PRO section
Updated Note 2 for Recommended Operating Conditions and updated DVDD requirements
Updated Note 1 for MCLK DSD requirements under Analog Performance section
Updated DVDD with 1.3V uses cases pin description
Updated front page removed “mobile DAC” from Benefits
3.1
November 28, 2017
Remove ESS logo from pin diagram
3.2
December 1, 2017
Renumber SPDIF inputs in pin description to match table on page 6
3.3
March 14, 2018
Add note for VDD_L, VDD_R and DVDD internal connection.
3.4
March 29, 2018
Added notes for FIR and IIR filter usage to Register 7 description.
Added additional description to IIR filter response section.
3.5
May 2, 2018
Corrected example code used to load custom filter.
3.6
March 5, 2019
Added SABRE®, Hyperstream®II, SABRE SOUND®. Updated Register #63 [3:2]
ESS
’ ICs are not intended, authorized, or warranted for use as components in military applications, medical devices or life support systems. ESS
assumes no liability whatsoever and disclaims any expressed, implied or statutory warranty for use of ESS IC's in such unsuitable applications.
No part of this publication may be reproduced, stored in a retrieval system, transmitted, or translated in any form or by any means, electronic,
mechanical, manual, optical, or otherwise, without the prior written permission of ESS Technology, Inc. ESS Technology, Inc. makes no
representations or warranties regarding the content of this document. All specifications are subject to change without prior notice. ESS Technology,
Inc. assumes no responsibility for any errors contained herein. U.S. patents pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com