Electronic Components Datasheet Search
  English  ▼

X  

ES9038 Datasheet(PDF) 5 Page - ESS Technology,Inc

Part # ES9038
Description  Flagship 32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038 Datasheet(HTML) 5 Page - ESS Technology,Inc

  ES9038 Datasheet HTML 1Page - ESS Technology,Inc ES9038 Datasheet HTML 2Page - ESS Technology,Inc ES9038 Datasheet HTML 3Page - ESS Technology,Inc ES9038 Datasheet HTML 4Page - ESS Technology,Inc ES9038 Datasheet HTML 5Page - ESS Technology,Inc ES9038 Datasheet HTML 6Page - ESS Technology,Inc ES9038 Datasheet HTML 7Page - ESS Technology,Inc ES9038 Datasheet HTML 8Page - ESS Technology,Inc ES9038 Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
March 5, 2019
CONFIDENTIAL ADVANCE INFORMATION v3.6
ES9038PRO Flagship 32-Bit HyperStream® II 8-Channel Audio DAC
5
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
PIN DESCRIPTIONS (continued)
Pin
Name
Pin Type
Reset State
Pin Description
40
GPIO1
I/O
Tri-stated
GPIO 1
41
ADDR
I
Tri-stated
Chip Address Select
42
AVCC_R
Power
Power
Low-Noise Analog Power (+3.3V) for Right channels
43
AGND_R
Ground
Ground
Analog Ground for Right channels
44
DAC4
AO
Driven to ground via RDAC
Differential Positive Analog Output 4
45
DAC4B
AO
Driven to ground via RDAC
Differential Negative Analog Output 4
46
DAC2B
AO
Driven to ground via RDAC
Differential Negative Analog Output 2
47
DAC2
AO
Driven to ground via RDAC
Differential Positive Analog Output 2
48
VDD_R
Power
Power
Analog Power (+1.2V) for Right channels
49
AVCC_R
Power
Power
Low-Noise Analog Power (+3.3V) for Right channels
50
AGND_R
Ground
Ground
Analog Ground for Right channels
51
DGND
Ground
Ground
Digital Ground
52
DATA8
I/O
Tri-stated
DSD Data8 or SPDIF Input 9
53
DATA7
I/O
Tri-stated
DSD Data7 or SPDIF Input 8
54
DATA6
I/O
Tri-stated
DSD Data6 or SPDIF Input 7
55
DATA5
I/O
Tri-stated
DSD Data5 or PCM Data CH7 / CH8 or SPDIF Input 6
56
DATA4
I/O
Tri-stated
DSD Data4 or PCM Data CH5 / CH6 or SPDIF Input 5
57
DATA3
I/O
Tri-stated
DSD Data3 or PCM Data CH3 / CH4 or SPDIF Input 4
58
DATA2
I/O
Tri-stated
DSD Data2 or PCM Data CH1 / CH2 or SPDIF Input 3
59
DATA1
I/O
Tri-stated
DSD Data1 or PCM Frame Clock or SPDIF Input 2
60
DATA_CLK
I/O
Tri-stated
PCM Bit Clock or DSD Bit Clock or SPDIF Input 1
61
DVDD
Power
Power
Digital Power (+1.2V) for core of chip
62
AVDD
Power
Power
Digital Power (+1.8V / +3.3V) for top pad ring of chip
63
AGND_L
Ground
Ground
Analog Ground for Left channels
64
AVCC_L
Power
Power
Low-Noise Analog Power (+3.3V) for Left channels
Exposed
Pad
Can be left open, connected to digital or analog ground.
Internally connected to substrate via a conductive epoxy
Notes:
VDD_L, VDD_R and DVDD are internally connected.
I = Digital Input
I/O = Input / Output
AI = Analog Input
AO = Analog Output
All unused digital inputs should be connected to ground directly, or via a pull-down resistor of 4.7k
Ω to 47kΩ
5V Tolerant Pins (3.3V AVDD Supply Only)
The following pins are 5V tolerant:
•
RESETB
•
SDA and SCL
•
GPIO1-4
•
ADDR
•
DATA1-8
•
DATA_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com