Electronic Components Datasheet Search
  English  ▼

X  

AD7381 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7381
Description  Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7381 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7381 Datasheet HTML 12Page - Analog Devices AD7381 Datasheet HTML 13Page - Analog Devices AD7381 Datasheet HTML 14Page - Analog Devices AD7381 Datasheet HTML 15Page - Analog Devices AD7381 Datasheet HTML 16Page - Analog Devices AD7381 Datasheet HTML 17Page - Analog Devices AD7381 Datasheet HTML 18Page - Analog Devices AD7381 Datasheet HTML 19Page - Analog Devices AD7381 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
AD4682/AD4683
Data Sheet
Rev. 0 | Page 16 of 30
APPLICATIONS INFORMATION
Figure 35 shows an example of the typical connection diagram
for the AD4682 and the AD4683. Decouple the VCC, VLOGIC,
REGCAP, and REFIO pins with suitable decoupling capacitors
as shown in Figure 35.
The exposed pad is a ground reference point for circuitry on
the devices and must be connected to the PCB ground.
Place a differential RC filter on the analog inputs to ensure
optimal performance is achieved.
The performance of the AD4682 and the AD4683 devices can be
impacted by noise on the digital interface. This impact is
dependent on the on-board layout and design. Keep a minimal
distance between the digital line to the digital interface, or place
a 100 Ω resistor in series and close to the SDOA pin and the
SDOB/ALERT pin to reduce noise from the digital interface
coupling of the AD4682 and the AD4683.
The two pseudo differential ADC channels of the AD4682 and
the AD4683 can accept an input voltage range from 0 V to VREF
on AINA+ and AINB+, and a VREF/2 voltage on AINA− and AINB−.
The AINA+, AINB+, AINA−, and AINB− analog input pins can be
driven with an amplifier. Table 9 lists the recommended driver
amplifiers that best fit and add value to the application. The
AD4682 and the AD4683 have a buffered internal 2.5 V reference
that is accessed via the REFIO pin. The buffered internal 2.5 V
reference must use an external buffer, like the ADA4807-2,
when connecting the reference to the external circuitry. The
AD4682 and the AD4683 have an option to use an ultralow
noise, high accuracy voltage reference as an external voltage
source ranging from 2.5 V to 3.3 V, such as the ADR4533 and
ADR4525.
POWER SUPPLY
The typical application circuit in Figure 35 can be powered by
a single 5 V voltage source (V+) that supplies the entire signal
chain. The 5 V supply can come from a low noise, CMOS low
dropout (LDO) regulator (ADP7105). The driver amplifier supply
is supplied by the +5 V (V+) and −2.5 V negative supply rail (V−),
which is derived from the inverter (ADM660). The inverter
converts the +5 V to −5 V and supplies the voltage to the
ADP7182 low noise voltage regulator to output the −2.5 V. The
two independent supplies of the AD4682 and the AD4683, VCC
and VLOGIC, that supply the analog circuitry and digital interface,
respectively, can be supplied by a low quiescent current LDO
regulator, such as the ADP166. The ADP166 is a suitable supply
with a fixed output voltage range from 1.2 V to 3.3 V for typical
VCC and VLOGIC levels. Decouple both the VCC supply and the
VLOGIC supply separately with a 1 µF capacitor. Additionally, an
internal LDO regulator supplies the AD4682 and the AD4683. The
on-chip regulator provides a 1.9 V supply for internal use on the
device only. Decouple the REGCAP pin with a 1 µF capacitor
connected to GND.
Power-Up
The AD4682 and the AD4683 are not easily damaged by power
supply sequencing. VCC and VLOGIC can be applied in any
sequence. Apply an external reference after VCC and VLOGIC are
applied.
The AD4682 and the AD4683 require a tPOWERUP time from
applying VCC and VLOGIC until the ADC conversion results are
stable. Applying CS pulses or interfacing with the AD4682 and
the AD4683 prior to the setup time elapsing does not have a
negative impact on ADC operation. Conversion results are not
guaranteed to meet data sheet specifications during this time,
however, and must be ignored.
Table 9. Signal Chain Components
Companion Parts
Part Name
Description
Typical Application
ADC Driver
ADA4896-2
1 nV/√Hz, rail-to-rail output amplifier
Precision, low noise, high frequency
ADA4940-2
Ultra low power, full differential, low distortion
Precision, low density, low power
ADA4807-2
1 mA, rail-to-rail output amplifier
Precision, low power, high frequency
LTC6227
1 nV/√Hz, 420 MHz gain bandwidth product (GBW), rail-
to-rail output amplifier
Precision, low noise, high frequency
External Reference
ADR4525
Ultralow noise, high accuracy 2.5 V voltage reference
2.5 V reference voltage
ADR4533
Ultralow noise, high accuracy 3.3 V voltage reference
3.3 V reference voltage
LDO
ADP166
Very low quiescent, 150 mA, LDO regulator
3.0 V to 3.6 V supply for VCC and VLOGIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com