Electronic Components Datasheet Search
  English  ▼

X  

AD7381 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7381
Description  Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7381 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7381 Datasheet HTML 13Page - Analog Devices AD7381 Datasheet HTML 14Page - Analog Devices AD7381 Datasheet HTML 15Page - Analog Devices AD7381 Datasheet HTML 16Page - Analog Devices AD7381 Datasheet HTML 17Page - Analog Devices AD7381 Datasheet HTML 18Page - Analog Devices AD7381 Datasheet HTML 19Page - Analog Devices AD7381 Datasheet HTML 20Page - Analog Devices AD7381 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Data Sheet
AD4682/AD4683
Rev. 0 | Page 17 of 30
AINA+
AINA–
AINB+
AINB–
VCC
VLOGIC
SDOB/ALERT
SDOA
SDI
SCLK
CS
GND
REFCAP
REGCAP
1µF
EXPOSED
PAD
100Ω
100Ω
AD4682/AD4683
REF
LDO
LDO
DIGITAL HOST
(MICROPROCESSOR/
FIELD PROGRAMMABLE GATE ARRAY)
1.65V TO 3.6V
3.0V TO 3.6V
VREF = 2.5V TO 3.3V
1µF
1µF
0.1µF
VCM = VREF/2
V+ = 5V
–
+
–
+
1µF
10kΩ
REFIO
10kΩ
V+
V+
V+
AINA+
V–
–
+
C1
V+
AINB–
V–
–
+
C1
VREF
0V
VREF
VCM
VCM
0V
R
R
LDO
V– = –2.5V
INVERTER
5V TO –5V
VCM
VCM
Figure 35. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com