| Electronic Components Datasheet Search |
|
AD7381 Datasheet(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7381 Datasheet(HTML) 19 Page - Analog Devices |
|
19 / 30 page ![]() Data Sheet AD4682/AD4683 Rev. 0 | Page 19 of 30 S1 ACQ S2 ACQ S3 tCYC ACQ S4 ACQ S5 ACQ S6 ACQ S7 ACQ ENABLE OSR = 2 ENABLE OSR = 4 S1 (f1+ f2)/2 DON’T CARE SDOA SDOB SDI CS VCC INTERNAL (f1 + f2)/2 S2 (f1 + f2 + f3 + f4)/4 (f1 + f2)/2 FIFO S1 S1 S1 S1 S1 S1 S1 S1 1 2 3 4 5 6 7 8 FIFO S2 S1 S1 S1 S1 S1 S1 S1 1 2 3 4 5 6 7 8 FIFO S3 S2 S1 S1 S1 S1 S1 S1 1 2 3 4 5 6 7 8 FIFO S4 S3 S2 S1 S1 S1 S1 S1 1 2 3 4 5 6 7 8 FIFO S5 S4 S3 S2 S1 S1 S1 S1 1 2 3 4 5 6 7 8 FIFO S6 S5 S4 S3 S2 S1 S1 S1 1 2 3 4 5 6 7 8 FIFO S7 S6 S5 S4 S3 S2 S1 S1 1 2 3 4 5 6 7 8 Figure 36. Rolling Average Oversampling Mode Configuration CS SDOA CONV ACQ CONV ACQ CONV ACQ CONV ACQ INTERNAL ALERT tALERTS tALERTC EXCEEDS THRESHOLD NO OVERSAMPLING OR ROLLING AVERAGE OVERSAMPLING Figure 37. Alert Operation ALERT The alert functionality is an out of range indicator and can be used as an early indicator of an out of bounds conversion result. An alert event triggers when the conversion result value register exceeds the alert high limit value in the ALERT_HIGH_ THRESHOLD register or falls below the alert low limit value in the ALERT_LOW_THRESHOLD register. The ALERT_HIGH_ THRESHOLD register and ALERT_LOW_THRESHOLD register are common to all ADCs. When setting the threshold limits, the alert high threshold must always be greater than the alert low threshold. Detailed alert information is accessible in the ALERT register. The ALERT register contains two status bits per ADC, one corresponding to the high limit, and the other to the low limit. A logical OR of alert signals for all ADCs creates a common alert value. This value can be configured to drive out on the ALERT function of the SDOB/ALERT pin. The SDOB/ALERT pin is configured as ALERT by configuring the following bits in the CONFIGURATION1 and CONFIGURATION2 registers: • Set the SDO bit to 1. • Set the ALERT_EN bit to 1. • Set a valid value to the ALERT_HIGH_THRESHOLD register and the ALERT_LOW_THRESHOLD register. The alert indication function is available in rolling average oversampling and nonoversampling modes. The ALERT function of the SDOB/ALERT pin is updated at the end of the conversion. The alert indication status bits in the ALERT register are updated as well and must be read before the end of the next conversion. The ALERT function of the SDOB/ALERT pin is cleared with a falling edge of CS. Issuing a software reset also clears the alert status in the ALERT register. POWER MODES The AD4682 and the AD4683 have two power modes, normal and shutdown. These modes of operation provide flexible power management options, allowing optimization of the power dissipation and throughput rate ratio for different application requirements. Program the PMODE bit in the CONFIGURATION1 register to configure the power modes in the AD4682 and the AD4683. Set the PMODE bit to Logic 0 for normal mode and Logic 1 for shutdown mode. Normal Mode Keep the AD4682 and the AD4683 in normal mode to achieve the fastest throughput rate. All blocks within the AD4682 and the AD4683 remain fully powered at all times, and an ADC conversion can be initiated by a falling edge of CS, when required. When the AD4682 and the AD4683 are not converting, the devices are in static mode and power consumption is automatically reduced. Additional current is required to perform a conversion. Therefore, power consumption on the AD4682 and the AD4683 scales with throughput. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |