Electronic Components Datasheet Search
  English  ▼

X  

ADBMS1818 Datasheet(PDF) 39 Page - Analog Devices

Part # ADBMS1818
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADBMS1818 Datasheet HTML 35Page - Analog Devices ADBMS1818 Datasheet HTML 36Page - Analog Devices ADBMS1818 Datasheet HTML 37Page - Analog Devices ADBMS1818 Datasheet HTML 38Page - Analog Devices ADBMS1818 Datasheet HTML 39Page - Analog Devices ADBMS1818 Datasheet HTML 40Page - Analog Devices ADBMS1818 Datasheet HTML 41Page - Analog Devices ADBMS1818 Datasheet HTML 42Page - Analog Devices ADBMS1818 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
Data Sheet
ADBMS1818
THEORY OF OPERATION
analog.com
Rev. 0 | 39 of 89
COMM Commands
Three commands help accomplish I2C or SPI communication to the
slave device: WRCOMM, STCOMM, and RDCOMM.
WRCOMM Command: This command is used to write data to the
COMM register. This command writes 6 bytes of data to the COMM
register. The PEC needs to be written at the end of the data. If the
PEC does not match, all data in the COMM register is cleared to
1s when CSB goes high. See the Bus Protocols section for more
details on a write command format.
STCOMM Command: This command initiates I2C/SPI communica-
tion on the GPIO ports. The COMM register contains 3 bytes of
data to be transmitted to the slave. During this command, the data
bytes stored in the COMM register are transmitted to the slave I2C
or SPI device and the data received from the I2C or SPI device is
stored in the COMM register. This command uses GPIO4 (SDA),
and GPIO5 (SCL) for I2C communication or GPIO3 (CSBM), GPIO4
(SDIOM), and GPIO5 (SCKM) for SPI communication.
The STCOMM command is followed by 24 clock cycles for each
byte of data transmitted to the slave device while holding CSB low.
For example, to transmit three bytes of data to the slave, send
the STCOMM command and its PEC followed by 72 clock cycles.
Pull CSB high at the end of the 72 clock cycles of the STCOMM
command.
During I2C or SPI communication, the data received from the slave
device is updated in the COMM register.
RDCOMM Command: The data received from the slave device
can be read back from the COMM register using the RDCOMM
command. The command reads back six bytes of data followed by
the PEC. See the Bus Protocols section for more details on a read
command format.
Table 37 describes the possible read back codes for ICOMn,
Bits[3:0] and FCOMn, Bits[3:0] when using the device as an I2C
master. Dn, Bits[7:0] contain the data byte transmitted by the I2C
slave.
Table 37. Read Codes for ICOMn, Bits[3:0] and FCOMn, Bits[3:0] on I2C
Master
Control
Bits
Code
Description
ICOMn,
Bits[3:0]
0110
Master generated a start signal
0001
Master generated a stop signal
0000
Blank, SDA was held low between bytes
0111
Blank, SDA was held high between bytes
FCOMn,
Bits[3:0]
0000
Master generated an ACK signal
0111
Slave generated an ACK signal
1111
Slave generated a NACK signal
0001
Slave generated an ACK signal, master generated a
stop signal
Table 37. Read Codes for ICOMn, Bits[3:0] and FCOMn, Bits[3:0] on I2C
Master
Control
Bits
Code
Description
1001
Slave generated a NACK signal, master generated a
stop signal
In case of the SPI master, the read back codes for ICOMn, Bits[3:0]
and FCOMn, Bits[3:0] are always 0111 and 1111, respectively. Dn,
Bits[7:0] contain the data byte transmitted by the SPI slave.
Figure 64 shows the operation of ADBMS1818 as an I2C or SPI
master using the GPIOs.
Figure 64. ADBMS1818 I2C or SPI Master Using GPIOs
Any number of bytes can be transmitted to the slave in groups
of 3 bytes using these commands. The GPIO ports do not reset
between different STCOMM commands. However, if the wait time
between the commands is greater than 2 sec, the watchdog times
out and resets the ports to their default values.
To transmit several bytes of data using an I2C master, a start
signal is only required at the beginning of the entire data stream.
A stop signal is only required at the end of the data stream. All
intermediate data groups can use a blank code before the data byte
and an ACK/NACK signal as appropriate after the data byte. SDA
and SCL do not reset between different STCOMM commands.
To transmit several bytes of data using an SPI master, a CSBM
low signal is sent at the beginning of the 1st data byte. CSBM can
be held low or taken high for intermediate data groups using the
appropriate code on FCOMn, Bits[3:0]. A CSBM high signal is sent
at the end of the last byte of data. CSBM, SDIOM, and SCKM do
not reset between different STCOMM commands.
Figure 65 shows the 24 clock cycles following the STCOMM com-
mand for an I2C master in different cases. Note that if ICOMn,
Bits[3:0] specified a stop condition, after the stop signal is sent, the
SDA and SCL lines are held high and all data in the rest of the word
is ignored. If ICOMn, Bits[3:0] are a no transmit, both SDA and SCL
lines are released, and the rest of the data in the word is ignored.
This is used when a particular device in the stack does not have to
communicate to a slave.
Figure 66 shows the 24 clock cycles following the STCOMM com-
mand for an SPI master. Similar to the I2C master, if ICOMn,
Bits[3:0] specified a CSBM HIGH or a no transmit condition, the
CSBM, SCKM, and SDIOM lines of the SPI master are released
and the rest of the data in the word is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com