Electronic Components Datasheet Search
  English  ▼

X  

ADBMS1818 Datasheet(PDF) 2 Page - Analog Devices

Part # ADBMS1818
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818 Datasheet(HTML) 2 Page - Analog Devices

  ADBMS1818 Datasheet HTML 1Page - Analog Devices ADBMS1818 Datasheet HTML 2Page - Analog Devices ADBMS1818 Datasheet HTML 3Page - Analog Devices ADBMS1818 Datasheet HTML 4Page - Analog Devices ADBMS1818 Datasheet HTML 5Page - Analog Devices ADBMS1818 Datasheet HTML 6Page - Analog Devices ADBMS1818 Datasheet HTML 7Page - Analog Devices ADBMS1818 Datasheet HTML 8Page - Analog Devices ADBMS1818 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 89 page
background image
Data Sheet
ADBMS1818
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 89
Features................................................................ 1
Applications........................................................... 1
General Description...............................................1
Typical Application Circuit......................................1
Specifications........................................................ 3
ADC DC Specifications...................................... 3
Voltage Reference Specifications.......................4
General DC Specifications................................. 5
ADC Timing Specifications.................................6
SPI DC Specifications........................................ 7
IsoSPI DC Specifications................................... 7
IsoSPI Idle/Wake-Up Specifications...................8
IsoSPI Pulse Timing Specifications....................8
SPI Timing Requirements.................................. 8
isoSPI Timing Specifications.............................. 9
Absolute Maximum Ratings.................................10
ESD Caution.....................................................10
Pin Configuration and Function Descriptions.......11
Typical Performance Characteristics................... 13
Functional Block Diagram....................................19
Improvements from the LTC6811-1..................... 20
Theory of Operation.............................................21
State Diagram.................................................. 21
ADBMS1818 Core State Descriptions..............21
isoSPI State Descriptions.................................22
Power Consumption.........................................22
ADC Operation.................................................23
Data Acquisition System Diagnostics...............29
Watchdog and Discharge Timer....................... 35
S Pin Pulse-Width Modulation for Cell
Balancing........................................................36
Discharge Timer Monitor.................................. 37
I2C/SPI Master on ADBMS1818 Using
GPIOs.............................................................37
S Pin Pulsing Using the S Pin Control
Settings.......................................................... 41
S Pin Muting.....................................................43
Serial Interface Overview................................. 43
4-Wire Serial Peripheral Interface (SPI)
Physical Layer................................................ 43
2-Wire Isolated Interface (isoSPI) Physical
Layer.............................................................. 43
Data Link Layer................................................ 53
Network Layer.................................................. 53
Memory Map........................................................61
Applications Information...................................... 68
Providing DC Power......................................... 68
Internal Protection and Filtering....................... 68
Cell Balancing.................................................. 72
Discharge Control During Cell
Measurements................................................74
Digital Communications....................................75
Enhanced Applications.....................................83
Reading External Temperature Probes............ 85
Typical Application...............................................86
Related Devices.................................................. 87
Outline Dimensions............................................. 88
Ordering Guide.................................................89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com