Electronic Components Datasheet Search
  English  ▼

X  

ADBMS1818 Datasheet(PDF) 21 Page - Analog Devices

Part # ADBMS1818
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADBMS1818 Datasheet HTML 17Page - Analog Devices ADBMS1818 Datasheet HTML 18Page - Analog Devices ADBMS1818 Datasheet HTML 19Page - Analog Devices ADBMS1818 Datasheet HTML 20Page - Analog Devices ADBMS1818 Datasheet HTML 21Page - Analog Devices ADBMS1818 Datasheet HTML 22Page - Analog Devices ADBMS1818 Datasheet HTML 23Page - Analog Devices ADBMS1818 Datasheet HTML 24Page - Analog Devices ADBMS1818 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 89 page
background image
Data Sheet
ADBMS1818
THEORY OF OPERATION
analog.com
Rev. 0 | 21 of 89
STATE DIAGRAM
The operation of the ADBMS1818 is divided into two separate
sections: the core circuit and the isoSPI circuit. Both sections have
an independent set of operating states, as well as a shutdown
timeout.
ADBMS1818 CORE STATE DESCRIPTIONS
Sleep State
The reference and ADCs are powered down. The watchdog timer
(see the Watchdog and Discharge Timer section) has timed out.
The discharge timer is either disabled or timed out. The supply
currents are reduced to minimum levels. The isoSPI ports are in the
idle state. The DRIVE pin is 0 V.
If a wake-up signal is received (see the Waking Up the Serial
Interface section), the ADBMS1818 enters the standby state.
Standby State
The reference and the ADCs are off. The watchdog timer and/or
the discharge timer is running. The DRIVE pin powers the VREG
pin to 5 V through an external transistor. Alternatively, VREG can be
powered by an external supply.
When a valid ADC command is received or the REFON bit is set
to 1 in Configuration Register Group A, the IC pauses for tREFUP to
allow the reference to power up and then enters either the REFUP
or measure state. Otherwise, if no valid commands are received for
tSLEEP (when both the watchdog and discharge timer expire), the
ADBMS1818 returns to the sleep state. If the discharge timer is
disabled, only the watchdog timer is relevant.
REFUP State
To reach this state, the REFON bit in Configuration Register Group
A must be set to 1 (using the WRCFGA command, see Table
50). The ADCs are off. The reference is powered up so that the
ADBMS1818 can initiate ADC conversions more quickly than from
the standby state.
When a valid ADC command is received, the IC goes to the
measure state to begin the conversion. Otherwise, the ADBMS1818
returns to the standby state when the REFON bit is set to 0, either
manually (using WRCFGA command) or automatically when the
watchdog timer expires (the ADBMS1818 then moves straight into
the sleep state if both timers are expired).
Measure State
The ADBMS1818 performs ADC conversions in the measure state.
The reference and ADCs are powered up.
After ADC conversions complete, the ADBMS1818 transitions to
either the REFUP or standby state, depending on the REFON bit.
Additional ADC conversions can be initiated more quickly by setting
REFON = 1 to take advantage of the REFUP state.
Note that non ADC commands do not cause a core state transition.
Only an ADC conversion or diagnostic commands place the core in
the measure state.
Figure 53. ADBMS1818 Operation State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com