Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28027DAS Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28027DAS
Description  TMS320F2802x Microcontrollers
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28027DAS Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320F28027DAS Datasheet HTML 9Page - Texas Instruments TMS320F28027DAS Datasheet HTML 10Page - Texas Instruments TMS320F28027DAS Datasheet HTML 11Page - Texas Instruments TMS320F28027DAS Datasheet HTML 12Page - Texas Instruments TMS320F28027DAS Datasheet HTML 13Page - Texas Instruments TMS320F28027DAS Datasheet HTML 14Page - Texas Instruments TMS320F28027DAS Datasheet HTML 15Page - Texas Instruments TMS320F28027DAS Datasheet HTML 16Page - Texas Instruments TMS320F28027DAS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 135 page
background image
TERMINAL
I/O/Z
DESCRIPTION
NAME(1)
PT
PIN NO.
DA
PIN NO.
GPIO4
39
7
I/O/Z
General-purpose input/output 4
EPWM3A
O
Enhanced PWM3 output A and HRPWM channel
–
–
–
–
GPIO5
40
8
I/O/Z
General-purpose input/output 5
EPWM3B
O
Enhanced PWM3 output B
–
–
ECAP1
I/O
Enhanced Capture input/output 1
GPIO6
41
9
I/O/Z
General-purpose input/output 6
EPWM4A
O
Enhanced PWM4 output A and HRPWM channel
EPWMSYNCI
I
External ePWM sync pulse input
EPWMSYNCO
O
External ePWM sync pulse output
GPIO7
42
10
I/O/Z
General-purpose input/output 7
EPWM4B
O
Enhanced PWM4 output B
SCIRXDA
I
SCI-A receive data
–
–
GPIO12
47
13
I/O/Z
General-purpose input/output 12
TZ1
I
Trip Zone input 1
SCITXDA
O
SCI-A transmit data
–
–
GPIO16
27
35
I/O/Z
General-purpose input/output 16
SPISIMOA
I/O
SPI slave in, master out
–
–
TZ2
I
Trip Zone input 2
GPIO17
26
34
I/O/Z
General-purpose input/output 17
SPISOMIA
I/O
SPI-A slave out, master in
–
–
TZ3
I
Trip zone input 3
GPIO18
24
32
I/O/Z
General-purpose input/output 18
SPICLKA
I/O
SPI-A clock input/output
SCITXDA
O
SCI-A transmit
XCLKOUT
O/Z
Output clock derived from SYSCLKOUT. XCLKOUT is either the same frequency,
one-half the frequency, or one-fourth the frequency of SYSCLKOUT. This is
controlled by bits 1:0 (XCLKOUTDIV) in the XCLK register. At reset, XCLKOUT =
SYSCLKOUT/4. The XCLKOUT signal can be turned off by setting XCLKOUTDIV
to 3. The mux control for GPIO18 must also be set to XCLKOUT for this signal to
propogate to the pin.
GPIO19
25
33
I/O/Z
General-purpose input/output 19
XCLKIN
I
External Oscillator Input. The path from this pin to the clock block is not gated by
the mux function of this pin. Care must be taken not to enable this path for clocking
if it is being used for the other periperhal functions
SPISTEA
I/O
SPI-A slave transmit enable input/output
SCIRXDA
I
SCI-A receive
ECAP1
I/O
Enhanced Capture input/output 1
GPIO28
48
14
I/O/Z
General-purpose input/output 28
SCIRXDA
I
SCI receive data
SDAA
I/OD
I2C data open-drain bidirectional port
TZ2
I
Trip zone input 2
www.ti.com
TMS320F28027, TMS320F28027-Q1, TMS320F28027F, TMS320F28027F-Q1, TMS320F28026
TMS320F28026-Q1, TMS320F28026F, TMS320F28026F-Q1, TMS320F28023
TMS320F28023-Q1, TMS320F28022, TMS320F28021, TMS320F28020, TMS320F280200
SPRS523P – NOVEMBER 2008 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMS320F28027 TMS320F28027-Q1 TMS320F28027F TMS320F28027F-Q1
TMS320F28026 TMS320F28026-Q1 TMS320F28026F TMS320F28026F-Q1 TMS320F28023 TMS320F28023-
Q1 TMS320F28022 TMS320F28021 TMS320F28020 TMS320F280200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com