Electronic Components Datasheet Search
  English  ▼

X  

ADPA7004CHIPS Datasheet(PDF) 4 Page - Analog Devices

Part # ADPA7004CHIPS
Description  40 GHz to 80 GHz, GaAs, pHEMT, MMIC, Wideband Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7004CHIPS Datasheet(HTML) 4 Page - Analog Devices

  ADPA7004CHIPS Datasheet HTML 1Page - Analog Devices ADPA7004CHIPS Datasheet HTML 2Page - Analog Devices ADPA7004CHIPS Datasheet HTML 3Page - Analog Devices ADPA7004CHIPS Datasheet HTML 4Page - Analog Devices ADPA7004CHIPS Datasheet HTML 5Page - Analog Devices ADPA7004CHIPS Datasheet HTML 6Page - Analog Devices ADPA7004CHIPS Datasheet HTML 7Page - Analog Devices ADPA7004CHIPS Datasheet HTML 8Page - Analog Devices ADPA7004CHIPS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADPA7004CHIPS
Data Sheet
Rev. 0 | Page 4 of 20
75 GHz TO 80 GHz FREQUENCY RANGE
TDIEBOTTOM = 25°C, VDD = VDD1A and VDD1B = VDD2A and VDD2B = VDD3A and VDD3B = VDD4A and VDD4B = 3.5 V, and IDQ1x + IDQ2x+ IDQ3x +
IDQ4x = 550 mA, unless otherwise noted. Adjust VGG1234A from −1.5 V to 0 V to achieve the desired IDQ. The typical VGG = −0.4 V for
IDQ = 550 mA.
Table 3.
Parameter
Symbol Min Typ
Max Unit
Test Conditions/Comments
FREQUENCY RANGE
75
80
GHz
GAIN
13
16
dB
Gain Variation over Temperature
0.023
dB/°C
RETURN LOSS
Input
S11
25.0
dB
Output
S22
21.0
dB
OUTPUT
Output Power for 1 dB Compression
P1dB
18
20.5
dBm
Saturated Output Power
PSAT
22.0
dBm
Output Third-Order Intercept
IP3
31.5
dBm
POUT per tone = 12 dBm with 1 MHz tone spacing
SUPPLY
Current
IDQ
550
mA
Adjust VGG to achieve IDQ = 550 mA typical
Voltage
VDD
3
3.5
4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com