Electronic Components Datasheet Search
  English  ▼

X  

ADPA7004CHIPS Datasheet(PDF) 6 Page - Analog Devices

Part # ADPA7004CHIPS
Description  40 GHz to 80 GHz, GaAs, pHEMT, MMIC, Wideband Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7004CHIPS Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPA7004CHIPS Datasheet HTML 2Page - Analog Devices ADPA7004CHIPS Datasheet HTML 3Page - Analog Devices ADPA7004CHIPS Datasheet HTML 4Page - Analog Devices ADPA7004CHIPS Datasheet HTML 5Page - Analog Devices ADPA7004CHIPS Datasheet HTML 6Page - Analog Devices ADPA7004CHIPS Datasheet HTML 7Page - Analog Devices ADPA7004CHIPS Datasheet HTML 8Page - Analog Devices ADPA7004CHIPS Datasheet HTML 9Page - Analog Devices ADPA7004CHIPS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADPA7004CHIPS
Data Sheet
Rev. 0 | Page 6 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
RFOUT
RFIN
1
8
16
15
14
12
11
10
9
13
2
3
4
6
7
5
ADPA7004CHIPS
TOP VIEW
(Not to Scale)
Figure 2. Pad Configuration
Table 7. Pad Function Descriptions
Pad No.
Mnemonic
Description
1
RFIN
RF Input. This pad is ac-coupled and matched to 50 Ω. See Figure 3 for the interface schematic.
2, 6
VGG1234A
Gate Bias Voltage Pads for the First, Second, Third, and Fourth Stage Amplifiers. See Figure 4 for
the interface schematic.
3, 4, 5, 7
VDD1A, VDD2A, VDD3A, VDD4A
Top Edge Drain Bias Voltage Pads for the Amplifiers. External bypass capacitors are required on
the VDD1A, VDD2A, VDD3A, and VDD4A pads. Connect the VDD1A, VDD2A, VDD3A, and VDD4A pads to a
3.5 V supply. See Figure 5 for the interface schematic.
8
RFOUT
RF Output. This pad is ac-coupled and matched to 50 Ω. See Figure 9 for the interface schematic.
9
VDET
DC Voltage Representing the RF Output Power. The voltage is rectified by the diode that is
biased through external resistor. See Figure 9 for the interface schematic.
10
VREF
Reference DC Voltage for the Temperature Compensation of the VDET diode. See Figure 10 for the
interface schematic.
11, 13, 14, 15
VDD4B, VDD3B, VDD2B, VDD1B
Bottom Edge Drain Bias Voltage Pads for Amplifiers. External bypass capacitors are required on
the VDD4B, VDD3B, VDD2B, and VDD1B pads. Connect the VDD4B, VDD3B, VDD2B, and VDD1B pads to a
3.5 V supply. See Figure 7 for the interface schematic.
12, 16
VGG1234B
Gate Bias Voltage Pads for the First, Second, Third, and Fourth Stage Amplifiers, Alternative Bias
Configuration. See Figure 8 for the interface schematic.
Die Bottom
GND
Ground. Die bottom must be connected to RF and dc ground. See Figure 6 for the interface
schematic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com