Electronic Components Datasheet Search
  English  ▼

X  

ADPA7004CHIPS Datasheet(PDF) 8 Page - Analog Devices

Part # ADPA7004CHIPS
Description  40 GHz to 80 GHz, GaAs, pHEMT, MMIC, Wideband Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7004CHIPS Datasheet(HTML) 8 Page - Analog Devices

Back Button ADPA7004CHIPS Datasheet HTML 4Page - Analog Devices ADPA7004CHIPS Datasheet HTML 5Page - Analog Devices ADPA7004CHIPS Datasheet HTML 6Page - Analog Devices ADPA7004CHIPS Datasheet HTML 7Page - Analog Devices ADPA7004CHIPS Datasheet HTML 8Page - Analog Devices ADPA7004CHIPS Datasheet HTML 9Page - Analog Devices ADPA7004CHIPS Datasheet HTML 10Page - Analog Devices ADPA7004CHIPS Datasheet HTML 11Page - Analog Devices ADPA7004CHIPS Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADPA7004CHIPS
Data Sheet
Rev. 0 | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
20
–30
20
100
FREQUENCY (GHz)
–25
–20
–15
–10
–5
0
5
10
15
25 30 35 40 45 50 55 60 65 70 75 80 85 90 95
GAIN
INPUT RETURN LOSS
OUTPUT RETURN LOSS
Figure 11. Broadband Gain and Return Loss vs. Frequency
22
0
35
80
FREQUENCY (GHz)
+85°C
+25°C
–55°C
2
4
6
8
10
12
14
16
18
20
40
45
50
55
60
65
70
75
Figure 12. Gain vs. Frequency at Various Temperatures
22
0
35
80
FREQUENCY (GHz)
2
4
6
8
10
12
14
16
18
20
40
45
50
55
60
65
70
75
650mA
550mA
450mA
Figure 13. Gain vs. Frequency at Various Supply Currents
22
0
35
80
FREQUENCY (GHz)
2
4
6
8
10
12
14
16
18
20
40
45
50
55
60
65
70
75
4.0V
3.5V
3.0V
Figure 14. Gain vs. Frequency at Various Drain Bias Voltages
0
–5
–10
–15
–20
–25
–30
35
80
FREQUENCY (GHz)
40
45
50
55
60
65
70
75
+85°C
+25°C
–55°C
Figure 15. Input Return Loss vs. Frequency at Various Temperatures
0
–5
–10
–15
–20
–25
–30
35
80
FREQUENCY (GHz)
40
45
50
55
60
65
70
75
650mA
550mA
450mA
Figure 16. Input Return Loss vs. Frequency at Various Supply Currents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com