Electronic Components Datasheet Search
  English  ▼

X  

STSAFE-A110 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STSAFE-A110
Description  Authentication, state-of-the-art security for peripherals and IoT devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSAFE-A110 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STSAFE-A110 Datasheet HTML 3Page - STMicroelectronics STSAFE-A110 Datasheet HTML 4Page - STMicroelectronics STSAFE-A110 Datasheet HTML 5Page - STMicroelectronics STSAFE-A110 Datasheet HTML 6Page - STMicroelectronics STSAFE-A110 Datasheet HTML 7Page - STMicroelectronics STSAFE-A110 Datasheet HTML 8Page - STMicroelectronics STSAFE-A110 Datasheet HTML 9Page - STMicroelectronics STSAFE-A110 Datasheet HTML 10Page - STMicroelectronics STSAFE-A110 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
DS13039 Rev 1
7/36
STSAFE-A110
Description
35
The STSAFE-A110 secure element supports the following features:
•
Authentication
The STSAFE-A110’s authentication service provides proof to a remote or local host
that a certain peripheral or IoT is legitimate. An equipment manufacturer can thus
ensure that only authentic peripherals like accessories or consumables can be used in
conjunction with the original equipment. In the same way, a service provider can make
sure that its service only operates with the appropriate IoT device.
The authentication service utilizes the ECC cryptographic scheme with NIST or
Brainpool 256-bit and 384-bit curves. It also uses the widely deployed ECDSA
signature scheme with SHA-256 and SHA-384 for generating digital signatures. In
addition, it is compatible with the USB Type-C and Qi power charging authentication
scheme.
•
Secure-channel key establishment (TLS)
The STSAFE-A110 assists the local host in establishing a secure connection between
the device and a remote host (such as a cloud server or gateway).It assists the local
host in establishing the session keys used to encrypt and decrypt data exchanges
between the device and the remote host. This key establishment service relies on the
computation of a shared secret based on the elliptic curve Diffie-Hellman schemes
(ECDH and ECDHE) executed after the device has generated and exchanged ECC
NIST or Brain pool public keys with the server.
•
Signature verification
The STSAFE-A110 can verify an elliptic curve digital signature algorithm (ECDSA)
signature by using a public key provided by the local host. This mechanism can offload
a local host application processor with no or limited cryptographic computing power. It
is typically used to verify signatures of firmware in the context of secure boot or secure
firmware update.
•
Secure one-way counters (peripheral usage monitoring)
The manufacturer can limit the usage of disposable accessories or consumables to a
given value by presetting the secure one-way counters. These counters can only be
decremented.
•
Memory partitioning
The STSAFE-A110 comes with 6 Kbytes of non-volatile memory split into areas, whose
read and write access rights can be configured to free access or local host access.
•
Pairing and secure channel with the host
The STSAFE-A110 allows a secure channel to be set up with the local host based on
AES keys for command authorization, command data encryption, response data
encryption and response authentication. Typically, pairing between an STSAFE-A110
and its local host prevents the use of the STSAFE-A110 in a different device and
protects the I²C line from eavesdropping of sensitive information.
•
Wrapping & unwrapping local envelopes
The STSAFE-A110 can be used to encrypt or decrypt data with its local envelope key.
Typically, it can be used when the local host needs to store a secret or a key within its
non-secure data storage area.
•
Symmetric keys
The STSAFE-A110 can be loaded with up to 16 symmetric keys for data encryption and
decryption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com