Electronic Components Datasheet Search
  English  ▼

X  

STSAFE-A110 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STSAFE-A110
Description  Authentication, state-of-the-art security for peripherals and IoT devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSAFE-A110 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STSAFE-A110 Datasheet HTML 4Page - STMicroelectronics STSAFE-A110 Datasheet HTML 5Page - STMicroelectronics STSAFE-A110 Datasheet HTML 6Page - STMicroelectronics STSAFE-A110 Datasheet HTML 7Page - STMicroelectronics STSAFE-A110 Datasheet HTML 8Page - STMicroelectronics STSAFE-A110 Datasheet HTML 9Page - STMicroelectronics STSAFE-A110 Datasheet HTML 10Page - STMicroelectronics STSAFE-A110 Datasheet HTML 11Page - STMicroelectronics STSAFE-A110 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Description
STSAFE-A110
8/36
DS13039 Rev 1
1.2
STSAFE-A110’s environment
The STSAFE-A110 comes with a host integration code tested with STMicroelectronics (ST)
STM32 general-purpose MCUs. It can also be ported to a wide range of general-purpose
microcontrollers or microprocessors. This integration code includes a command wrapper
and examples for the most common generic use cases.
The STSAFE-A110 is available prepersonalized with generic data profiles for evaluation or
prototyping.
ST also offers and recommends secure provisioning services for key generation and
storage of customer leaf certificates in a secure, certified environment.
The STSAFE-A110 are delivered with an ST CA certificate that allows authenticity
verification of the leaf certificates present in each STSAFE-A110 device.
1.3
Pin descriptions
Figure 3. SO8N pinout - Top view
Figure 4. UFDFPN8 pinout - Top view
Table 1 provides the name and description of the four contacts on the STSAFE-A110
device. Details on each are provided later in this text.
Table 1. Signal descriptions
Signal
Name
Description
VCC
Supply voltage
The 1.62 to 5.5 V supply voltage is supported for powering all
internal STSAFE-A110 functions.
GND
Supply and
signals ground
Ground reference pin for power and all I/O signals.
RESET
Reset
This input signal is used to reset STSAFE-A110. The RESET pin is
pull-down by default meaning that the device is reset if connected to
ground or if the pin is floating. The device is active if the RESET pin
is tied high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com