Electronic Components Datasheet Search
  English  ▼

X  

STSAFE-A110 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STSAFE-A110
Description  Authentication, state-of-the-art security for peripherals and IoT devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSAFE-A110 Datasheet(HTML) 1 Page - STMicroelectronics

  STSAFE-A110 Datasheet HTML 1Page - STMicroelectronics STSAFE-A110 Datasheet HTML 2Page - STMicroelectronics STSAFE-A110 Datasheet HTML 3Page - STMicroelectronics STSAFE-A110 Datasheet HTML 4Page - STMicroelectronics STSAFE-A110 Datasheet HTML 5Page - STMicroelectronics STSAFE-A110 Datasheet HTML 6Page - STMicroelectronics STSAFE-A110 Datasheet HTML 7Page - STMicroelectronics STSAFE-A110 Datasheet HTML 8Page - STMicroelectronics STSAFE-A110 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
This is information on a product in full production.
December 2019
DS13039 Rev 1
1/36
STSAFE-A110
Authentication,
state-of-the-art security for peripherals and IoT devices
Datasheet
- production data
Features
• Authentication for:
– Consumables and peripherals
– eCloud Internet of things (IoT) connected
objects
– USB Type-C™ power delivery chargers
– Qi over-the-air chargers
• Secure channel establishment with remote
host including transport layer security (TLS)
handshake
• Signature verification service (secure boot and
firmware upgrade)
• Usage monitoring with secure counters
• Pairing and secure channel with host
application processor
• Wrapping and unwrapping of local host
envelopes
• Symmetric data encryption or decryption (up to
16 keys)
• On-chip key pair generation
• LPWAN security ready:
– Preloading with Sigfox™ or LoRaWAN®
credentials
– Frame signature and verification
– Frame encryption and decryption
Security features
• Latest generation of highly secure MCUs
– Unique serial number on each die
– CC EAL5+ AVA_VAN5 Common Criteria
certified
– Active shield
– Monitoring of environmental parameters
– Protection mechanism against faults
– Protection against side-channel attacks
• Advanced asymmetric cryptography
– Elliptic curve cryptography (ECC) with
NIST or Brainpool 256-bit and 384-bit
curves
– Elliptic curve digital signature algorithm
(ECDSA) with SHA-256 and SHA-384 for
digital signature generation and verification
– Elliptic curve Diffie-Hellman (ECDH) for key
establishment
• Advanced symmetric cryptography
– Secure operating system with protection
against logical and physical attacks
• Secure operating system
– Secure STSAFE-A110 kernel for
authentication and data management
– Protection against logical and physical
attacks
Hardware features
• 6 Kbytes of configurable non-volatile memory
– Highly reliable CMOS EEPROM
technology
– 30 years’ data retention at 25 °C
– 500 000 erase / program cycles endurance
at 25 °C
– 1.62 V to 5.5 V continuous supply voltage
•
Operating temperature: −40 to 105 °C
SO8N
(4 × 5 mm)
UFDFPN8
(2 × 3 mm)
www.st.com


Similar Part No. - STSAFE-A110

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSAFE-A120 STMICROELECTRONICS-STSAFE-A120 Datasheet
667Kb / 38P
Secure authentication companion device for consumables, accessories, and connected objects
Rev 1
More results

Similar Description - STSAFE-A110

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER53E STMICROELECTRONICS-VIPER53E Datasheet
392Kb / 1P
STATE OF THE ART PRIMARY SIDE SWITCH FOR AC/DC CONVERTERS
logo
List of Unclassifed Man...
TRR2A12F ETC1-TRR2A12F Datasheet
159Kb / 2P
Miniature, cost-efective switching solution,,state of the art capsule designs
logo
Texas Instruments
BQ26150 TI-BQ26150 Datasheet
461Kb / 16P
BATTERY PACK SECURITY AND AUTHENTICATION IC FOR PORTABLE APPLICATIONS (bqSECURE)
logo
Omron Electronics LLC
G6SU-2F-DC3 OMRON-G6SU-2F-DC3 Datasheet
135Kb / 2P
State-of-the-Art SMT Design Industry Standard
logo
List of Unclassifed Man...
TLP712 ETC2-TLP712 Datasheet
52Kb / 4P
State of the art protection for every application
logo
LUMEX INC.
SSL-LX5093YD LUMEX-SSL-LX5093YD Datasheet
99Kb / 3P
State-of-the-Art, High Brightness Chip Technology
logo
List of Unclassifed Man...
S6-DLX ETC2-S6-DLX Datasheet
484Kb / 3P
Surge Suppressor- State of the art protection for every application
logo
Texas Instruments
BQ26100 TI1-BQ26100_15 Datasheet
955Kb / 29P
Based Security and Authentication IC
logo
Alpha & Omega Semicondu...
AOZ5166QI-01PR AOSMD-AOZ5166QI-01PR Datasheet
60Kb / 2P
Versatile synchronous buck power stage feature state-of-the-art technology
logo
List of Unclassifed Man...
EVALU8R ETC2-EVALU8R Datasheet
501Kb / 26P
State-of-the Art Evaluation Module for 8, 20 & 40-pin Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com