Electronic Components Datasheet Search
  English  ▼

X  

LT3922 Datasheet(PDF) 11 Page - Analog Devices

Part # LT3922
Description  60V, 1.5A LED Driver with Internal Exponential Scale Dimming
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3922 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT3922 Datasheet HTML 7Page - Analog Devices LT3922 Datasheet HTML 8Page - Analog Devices LT3922 Datasheet HTML 9Page - Analog Devices LT3922 Datasheet HTML 10Page - Analog Devices LT3922 Datasheet HTML 11Page - Analog Devices LT3922 Datasheet HTML 12Page - Analog Devices LT3922 Datasheet HTML 13Page - Analog Devices LT3922 Datasheet HTML 14Page - Analog Devices LT3922 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LT3950
11
Rev. 0
For more information www.analog.com
OPERATION
LT3950 is a constant-frequency, constant-current, con-
stant voltage (CC/CV) power supply with integrated low
side NMOS switch that can be configured as a boost,
SEPIC, buck mode or buck-boost mode LED driver. The
operation of the part can be best understood by looking at
the block diagram. At the beginning of every clock cycle,
the clock signal sets an SR latch controlling the switch
driver. The switch turns on and connects the inductor
to ground. The positive voltage drop across the induc-
tor results in linearly increasing current in the inductor.
The switch will remain on until the current comparator
near the SR latch resets it. This reset will occur when the
switch current exceeds the internal demand current. This
demand current is determined by the error amplifier. The
external LED current sense resistor used to program load
current drives the error amplifier. The voltage drop across
the sense resistor multiplied by the amplifier’s transcon-
ductance establishes the demand current.
With no induced offset, the error amplifier would regulate
the load to zero current based on the voltage across the
LED current sense resistor. To establish the positive offset
in the error amplifier needed to program the LED cur-
rent, a small current is intentionally pulled from only one
input of the amplifier through a series resistor. The CTRL
pin establishes this offset current by varying the voltage
dropped across a resistor to ground. These two resistors
are internal to the IC. Changing the CTRL pin voltage will
vary the LED current sense resistor regulation voltage
between true zero and 250mV.
During constant current operation the FB pin provides
overvoltage protection. While the FB pin voltage is below
its regulation threshold, the FB amplifier has little effect
on demand current. However, as the FB pin voltage
approaches VFB, the FB amplifier has an increasingly pro-
nounced effect, until eventually it dominates the demand
current. When the FB pin voltage exceeds the regulation
threshold by 100mV (typ.) the FAULT pin is asserted to
indicate an overvoltage event. Similarly, if the voltage at
the FB pin ever falls below 300mV (typ.) (excluding start-
up) then the FAULT pin is asserted to signal a shorted
LED event.
In addition to regulating load current, the LED current
sense amplifier also provides a digital indication of
whether the load current is above or below 10% of the
programmed full-scale value. If the load current drops
below 10% of full-scale while the FB pin voltage is in
regulation, the FAULT pin is asserted to indicate an Open
LED event.
Fast overcurrent protection relies on a separate signal path
than the main current sense amplifier. If the sense resis-
tor voltage (VISP–VISN) exceeds 700mV (typ.), switching
stops and the FAULT pin is asserted to indicate an overcur-
rent event. This event, along with Short LED, also triggers
a brief interruption of switching while soft-start is reset,
followed by a soft start of the switching.
Three different methods for dimming the LED load are
provided with LT3950. First, the voltage at the CTRL pin,
which sets the sense resistor regulation threshold, pro-
vides continuous, analog dimming of the LED load. In
addition, two method of PWM dimming exist. The first,
external PWM, relies on a user-provided PWM signal. This
signal drives the PWM pin directly, causing the system
to turn off and on (meaning stop and start switching,
and also disconnect and reconnect the LED load to the
output capacitor via PWMTG) based on the duty ratio of
the PWM pin voltage. Alternatively, internal PWM dim-
ming is available.
Internal PWM dimming uses an internal analog-to-digital
converter to translate the voltage at the PWM pin to a
7-bit digital representation. This conversion uses a lin-
ear scale; every 7.8mV (typ.) the 7-bit value changes.
Each particular value corresponds to a unique duty ratio
that is separated exponentially from its neighbors. For
example, moving by 7.8mV (typ.) near the 10% duty ratio
region can result in a change from 9.6% to 10% duty
ratio. Moving by the same difference, 7.8mV (typ.) near
the 100% region can change the duty ratio from 96%
to 100%. A smooth ramp at the PWM pin lasting many
PWMTG dimming periods as set by RP will create an
exponentially increasing PWM duty ratio for the LED load.
This preserves dimming accuracy and resolution across
a wide range of PWM dimming duty ratios.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com