Electronic Components Datasheet Search
  English  ▼

X  

LT3922 Datasheet(PDF) 18 Page - Analog Devices

Part # LT3922
Description  60V, 1.5A LED Driver with Internal Exponential Scale Dimming
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3922 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT3922 Datasheet HTML 14Page - Analog Devices LT3922 Datasheet HTML 15Page - Analog Devices LT3922 Datasheet HTML 16Page - Analog Devices LT3922 Datasheet HTML 17Page - Analog Devices LT3922 Datasheet HTML 18Page - Analog Devices LT3922 Datasheet HTML 19Page - Analog Devices LT3922 Datasheet HTML 20Page - Analog Devices LT3922 Datasheet HTML 21Page - Analog Devices LT3922 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
LT3950
18
Rev. 0
For more information www.analog.com
Inductor Selection
Select an inductor for use with LT3950 that has a satura-
tion current rating greater than 1.7A, additional margin
is recommended. Choose the inductor value based on
desired ripple current given input and output voltage and
switching frequency. Use the equations below to select an
inductor with around 30% peak to peak ripple.
LBOOST >
tSWVIN2
0.3iLEDVLED
1–
VIN
VLED
⎛
⎝⎜
⎞
⎠⎟
LBUCK >
tSWVLED
0.3iLED
1–
VLED
VIN
⎛
⎝⎜
⎞
⎠⎟
Table 5. Inductor Manufacturers
VENDOR
WEBSITE
Sumida
www.sumida.com
Wurth Elektronik
www.we-online.com
Coiltronics
www.cooperet.com
Vishay
www.vishay.com
Coilcraft
www.coilcraft.com
Power PMOS Selection
For the PMOS to be used with PWMTG, select a device
with drain-source voltage rating higher than 65V, addi-
tional margin is recommended. The gate-source voltage
rating should be higher than 10V. The drain current rating
should be sufficient to conduct the full programmed LED
current with some margin. Ensure that the PWMTG drive
voltage of 7.5V will fully enhance the PMOS device. Be
careful when selecting a PMOS to consider the effect that
higher current ratings have on gate charge (Qg). A high Qg
(>20nC) PMOS will slow turn-on and turn-off time, which
can reduce maximum PWM dimming dynamic range.
LED Fault Events
LT3950 provides a variety of fault detection and reporting
functions to aid larger systems in responding to failures.
While LT3950 has many self-protection features, only four
types of faults will be reported to the outside world. Of
these, three (LED Short, Overvoltage and Overcurrent) will
cause the part to stop switching and, if an external PMOS
is used according to instructions in the PWM Dimming
APPLICATIONS INFORMATION
section, disconnect the load from the output capacitor.
The FAULT pin will be asserted. The part will not wait until
the end of the clock cycle to take this action. The LED
Open fault will only result in the FAULT pin being asserted;
switching will continue as normal. A summary table of
each type of fault appears at the end of this section.
Overcurrent fault detection uses the current programming
sense resistor. If the voltage drop across the sense resis-
tor is greater than 700mV (typ.), an overcurrent event
is reported.
While overcurrent senses the actual current into the load,
the LED Short fault senses load voltage. This can allow
the detection of limited failures, such as one or two of the
LEDs in a string becoming shorted. LT3950 senses the
voltage at the FB pin and reports an LED Short fault if that
voltage falls below 300mV (excluding during start-up). It
is important to note that the FB resistor divider must be
in place to use the LED Short fault detection.
To report an LED Open fault, the voltage at the FB pin
must approach 1.2V while the load current falls below
10% of full-scale. It is important to note that the FB resis-
tor divider must be in place to use the LED Open fault
detection.
The Overvoltage fault occurs when the voltage at the FB
pin exceeds 1.3V. Like the LED Open fault, the FB resis-
tor divider must be in place to take advantage of the over
voltage fault protection.
Figure 7.
3950 F07
SOFT START
FB REGULATING
C10
OVERCURRENT
LED SHORT
OVERVOLTAGE
PWM
FAULT
D
LE
Q
Fault Logic
All four types of faults result in the FAULT pull down turn-
ing on. Since the FAULT pin has an open-drain output,
connecting a resistor from FAULT to INTVCC, VIN, or an
external supply is required for operation. The open-drain
output allows flexibility such as the ability to wire-OR
many parts together to detect faults on an array of devices
with a single digital I/O pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com