Electronic Components Datasheet Search
  English  ▼

X  

LT3922 Datasheet(PDF) 20 Page - Analog Devices

Part # LT3922
Description  60V, 1.5A LED Driver with Internal Exponential Scale Dimming
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3922 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT3922 Datasheet HTML 16Page - Analog Devices LT3922 Datasheet HTML 17Page - Analog Devices LT3922 Datasheet HTML 18Page - Analog Devices LT3922 Datasheet HTML 19Page - Analog Devices LT3922 Datasheet HTML 20Page - Analog Devices LT3922 Datasheet HTML 21Page - Analog Devices LT3922 Datasheet HTML 22Page - Analog Devices LT3922 Datasheet HTML 23Page - Analog Devices LT3922 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
LT3950
20
Rev. 0
For more information www.analog.com
The EN/UVLO threshold has a hysteretic window to pre-
vent oscillating between the ON and OFF states. When
the EN/UVLO pin falls below its falling threshold (1.25V
typ.), switching stops, soft-start is reset, and if an exter-
nal PMOS is used according to instructions in the PWM
Dimming section, the load is disconnected from the out-
put capacitor.
Low Voltage (SEPIC) Startup
Certain power stage topologies, such as the SEPIC, may
require the part to start up in the condition where ISP and
ISN are both near (or at) 0V. This condition is handled dif-
ferently than steady-state operation. Below around 2.5V at
ISN, the part does not use the programmed offset defined
by the CTRL pin, but instead uses a constant offset of
around 85mV (typ.) across ISP and ISN. This ensures
that the part starts in a reasonable amount of time. When
ISN < 2.5V (typ), LED Open and LED Short faults are
disabled. The ability of the error amplifier to tolerate an
input common mode voltage of 0V should not lead the
user to consider low-side sensing. Not only is the LED
current sense amplifier most accurate above 4V on ISN,
but also recall that ISP provides the positive rail for the
driver of the external disconnect PMOS. Therefore the use
of low side sensing of LED current is not recommended.
Full-scale threshold accuracy is derated when VISN < 4V.
Planning for Thermal Shutdown
The LT3950 will automatically shut down when the inter-
nal temperature is above 170°C. This shutdown is guar-
anteed to always be outside of the operating region of the
device. The effects of thermal shutdown are similar to that
of certain load faults: switching stops, soft-start is reset,
and if an external PMOS is used according to instructions
in the PWM Dimming section, the load is disconnected
from the output capacitor.
The exposed pad of LT3950 is ground, and must be sol-
dered to a good, large ground plane with many vias to aid
in thermal management. A simple electrical connection
is not sufficient for high-power operation, good thermal
conductivity is critical.
PCB Layout Guidelines and Information
Printed Circuit Board (PCB) layout profoundly affects per-
formance of all power applications. Proper electrical and
thermal connection between the IC and outside world will
make or break any system. Do not neglect the thoughtful
and detailed layout of any application PCB.
The exposed ground pad on the bottom of the package
is the only path to ground for the IC, and it will not work
correctly unless the exposed pad has a good, high-quality
solder connection to a ground plane. The ground con-
nection for analog functions such as RT, the compensa-
tion network, and any voltage dividers for PWM or CTRL
should be Kelvin connected to the exposed pad. A sepa-
rate power ground should exist for the input and output
capacitors and LED load. If possible, the INTVCC bypass
capacitor should have its own ground.
Proper power and ground planes provide both electrical
and thermal connections between the IC and the outside
world. It is imperative that at least one ground plane be
present in any application of LT3950. Ground planes
should not be interrupted by other traces, and should be
continuous, very wide sheets of copper. If components
connect to the ground plane by way of vias, use filled vias
if possible. Connect the exposed pad of the IC to such a
ground plane. Use as many vias as will fit in the exposed
pad area to make the connection. Use filled vias if pos-
sible. Do not copy any particular layout for the exposed
pad connection, but instead use as many vias as will fit
given the capabilities of the PCB manufacturer.
In addition to soldering down the exposed pad, it is critical
to provide a good, robust layout for the rest of the power
path. Use wide traces for VIN and to connect to the load.
Keep the sense resistor very close to the IC, and ensure
that the ISP and ISN traces run as close to one another
as possible. It is strongly recommended to not allow ISP
and ISN to take different paths to the sense resistor, but
instead to keep them beside one another as much as pos-
sible. Minimize the total area of any SW node traces; keep
the output capacitor and external catch diode as close as
possible to the IC to help this. Finally, use wide traces to
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com