Electronic Components Datasheet Search
  English  ▼

X  

LT3492 Datasheet(PDF) 13 Page - Analog Devices

Part # LT3492
Description  I2C Programmable Quad Monolithic Boost LED Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3492 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT3492 Datasheet HTML 9Page - Analog Devices LT3492 Datasheet HTML 10Page - Analog Devices LT3492 Datasheet HTML 11Page - Analog Devices LT3492 Datasheet HTML 12Page - Analog Devices LT3492 Datasheet HTML 13Page - Analog Devices LT3492 Datasheet HTML 14Page - Analog Devices LT3492 Datasheet HTML 15Page - Analog Devices LT3492 Datasheet HTML 16Page - Analog Devices LT3492 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
LT3966
13
Rev. 0
For more information www.analog.com
Figure 3. I2C Read Transaction with PEC
Table 1. I2C Address Settings
ADR2
ADR1
A3
A2
A1
A0
Write
Address
Read
Address
Mode
GND
GND
0
0
0
0
0xA0
0xA1
Standalone
GND
Float
0
0
0
1
0xA2
0xA3
Normal
GND
VCC
0
0
1
1
0xA6
0xA7
Normal
Float
GND
0
1
0
0
0xA8
0xA9
Normal
Float
Float
0
1
0
1
0xAA
0xAB
Normal
Float
VCC
0
1
1
1
0xAE
0xAF
Normal
VCC
GND
1
1
0
0
0xB8
0xB9
Normal
VCC
Float
1
1
0
1
0xBA
0xBB
Normal
VCC
VCC
1
1
1
1
0xBE
0xBF
Normal
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
3966 F03
1
1
1
0
ACK
STOP
START
SDA
SCL
1
0
1 A3 A2
ADDRESS
A1 A0 1
D7 D6 D5 D4 D3
DATA
D2 D1 D0
PEC (CRC)
P7 P6 P5 P4 P3 P2 P1 P0
ACK
ACK
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
0
1
1
0
ACK
STOP
START
SDA
SCL
1
0
1 A3 A2
CHIP ADDRESS
A1 A0 0
ACK
S7 S6 S5 S4
S1 S0
S3 S2
SUB ADDRESS
OPERATION
I2C OPERATION – I2C ADDRESS SETTINGS
Normal and Standalone Mode
ADR2, ADR1 = GND, GND programs the LT3966 into a
special standalone mode that does not require I2C com-
munication. All channels are enabled, and all channel dim-
ming generators are disabled (100% on time). The device
will start up and immediately begin soft-start switching.
Analog and PWM dimming in standalone mode are con-
trolled by the channel CTRL/PWM pins. Faults are not
latched, but are indicated on the ALERT line.
All other address selections start up with channels and
dimming generators enabled, but with the PWM DIM reg-
ister set to code 0 (0% on time). The converter channels
are active, but not switching since the DIM register is set
to 0. To enable light output, write a value to the chan-
nel’s DIM register, or write a channel’s DIMEN bit to 0 to
disable dimming and provide 100% LED on time. Faults
will be indicated in a channel’s STATUS register, but not
indicated on the ALERT pin unless the mask bit is enabled
for that channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com