Electronic Components Datasheet Search
  English  ▼

X  

LT3492 Datasheet(PDF) 2 Page - Analog Devices

Part # LT3492
Description  I2C Programmable Quad Monolithic Boost LED Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3492 Datasheet(HTML) 2 Page - Analog Devices

  LT3492 Datasheet HTML 1Page - Analog Devices LT3492 Datasheet HTML 2Page - Analog Devices LT3492 Datasheet HTML 3Page - Analog Devices LT3492 Datasheet HTML 4Page - Analog Devices LT3492 Datasheet HTML 5Page - Analog Devices LT3492 Datasheet HTML 6Page - Analog Devices LT3492 Datasheet HTML 7Page - Analog Devices LT3492 Datasheet HTML 8Page - Analog Devices LT3492 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LT3966
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
(Note 1)
VIN, EN/UVLO, SW1, SW2, SW3, SW4, ISP1, ISP2,
ISP3, ISP4, ISN1, ISN2, ISN3, ISN4......................62V
ISP–ISN (Any Channel)...............................................2V
TG1–4 ................................................................ (Note 2)
INTVCC...............................................................(Note 3)
FB1–4, EXT1–2, CTRL/PWM1–4, ADR1–2, ALERT,
SDA, SCL, SYNC..................................................5.5V
RT ...............................................................................2V
Operating Junction Temperature Range (Notes 4, 5)
LT3966E ............................................ –40°C to 125°C
LT3966J............................................. –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
39
40
38 37 36 35 34 33 32 31
11
20
12 13 14 15
TOP VIEW
41
GND
QFN PACKAGE
40-LEAD (6mm × 6mm) PLASTIC QFN
16 17 18 19
22
23
24
25
26
27
28
29
9
8
7
6
5
4
3
2
ISP1
TG1
SW1
SW1
SW3
SW3
TG3
ISP3
ISN3
FB3
ISP2
TG2
SW2
SW2
SW4
SW4
TG4
ISP4
ISN4
FB4
21
30
10
1
TJMAX = 150°C, θJA = 33°C/W EXPOSED PAD (PIN 41) IS GND
AND MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3966EUJ#PBF
LT3966EUJ#TRPBF
LT3966UJ
40-Lead (6mm × 6mm) Plastic QFN
–40°C to 125°C
LT3966JUJ#PBF
LT3966JUJ#TRPBF
LT3966UJ
40-Lead (6mm × 6mm) Plastic QFN
–40°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Range
l
3
60
V
VIN Quiescent Current
CTRL/PWM = 0V, EN/UVLO = 1.3V
2.7
3.3
mA
VIN Shutdown Current
EN/UVLO = 0V
EN/UVLO = 1.15V, CTRL/PWM = 0V
0
190
1
230
µA
µA
EN/UVLO Shutdown Threshold Falling
l
1.20
1.23
1.26
V
EN/UVLO Rising Hysteresis
EN/UVLO Rising
15
mV
EN/UVLO Input Low Voltage
IVIN < 1μA
0.4
V
ELECTRICAL CHARACTERISTICS The
l
denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VIN = 12V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com