Electronic Components Datasheet Search
  English  ▼

X  

LT3492 Datasheet(PDF) 23 Page - Analog Devices

Part # LT3492
Description  I2C Programmable Quad Monolithic Boost LED Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3492 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT3492 Datasheet HTML 19Page - Analog Devices LT3492 Datasheet HTML 20Page - Analog Devices LT3492 Datasheet HTML 21Page - Analog Devices LT3492 Datasheet HTML 22Page - Analog Devices LT3492 Datasheet HTML 23Page - Analog Devices LT3492 Datasheet HTML 24Page - Analog Devices LT3492 Datasheet HTML 25Page - Analog Devices LT3492 Datasheet HTML 26Page - Analog Devices LT3492 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
LT3966
23
Rev. 0
For more information www.analog.com
+
–
CDAC
S/H
VIN/48
EXT1
EXT2
FB1–4
VLED1–4
1.275V
GND
ADC
MUX
SHIFT REGISTER
CONTROL
LOGIC
AUTO
3966 F17
TGT[3:0] CLKSEL[1:0]
OUTPUT REGISTERS
0X51
VIN48
0X53
EXT1
0X54
EXT2
0X55
VFB1
0X56
ILED1
0X57
VFB2
0X58
ILED2
0X59
VFB3
0X5A
ILED3
0X5B
VFB4
0X5C
ILED4
Figure 20. Scope Shot – LATOFF
APPLICATIONS INFORMATION
tCONV
tCONV
START CONVERSION
START CONVERSION
I2C STOP
SDA
CAL SAMPLE
CONVERSION N
TRANSFER
CAL SAMPLE
CONVERSION N + 1
TRANSFER
3966 F18
SCL
CHIP ADDRESS
DATA N
PEC
I2C START
I2C STOP
READ ADC RESULT
Figure 21.
When measuring a voltage, the range of the ADC is 0V to
1.275V and the LSB is 5mV.
The ADC can be used in manual (single) or automatic
mode. In manual mode, one conversion is taken for a
single target specified by the TGT[3:0] register, and the
result is stored in the target’s data register. The ADC pow-
ers down after completion. In automatic mode (RUN =
AUTO = 1), all active targets will be continuously mea-
sured in a round-robin fashion. When the last target is
completed, the converter will start again with the first
target. This ensures that fresh data is available for all
enabled targets at any given time.
Manual Mode – Repeated Conversions
In manual mode (RUN = 1, AUTO = 0), multiple repeated
conversions on the same target can be performed with lit-
tle overhead. The first conversion starts upon detection of
the I2C Stop signal in the transfer in which the ADC’s RUN
bit is written to 1. The ADC completes one conversion
and enters sleep mode. Reading the ADC result without
clearing the RUN bit will trigger a new conversion at the
I2C Stop signal following the data read. In this manner,
an unlimited number of conversions and reads can be
executed in series.
When repeated conversions are used, a conversion time
(tCONV) of at least 20ADC clock periods between an I2C
Stop and the next I2C Start is required to complete the
conversion before data can be read. This time is depen-
dent upon RT and the value in the ADC’s CLKSEL register
bits. If a new I2C Start occurs before the data is ready,
the data read will be the prior conversion’s data, and the
new data will be transferred upon the next I2C Stop. The
appropriate timing is shown in Figure 21.
Automatic Mode
The ADC will operate in automatic mode when the AUTO
bit is set. In this mode, the ADC runs continuously, mea-
suring each active input and updating the target data reg-
ister. This sequence repeats indefinitely, and does not wait
for an I2C Stop to begin the next round of conversions.
Additionally, data can be read at any time. In this man-
ner, automatic mode will always provide fresh data for all
active targets.
In the case of a disabled channel (OFF = 1), both the FB
and ILED measurements for that channel will be skipped.
For a channel that is enabled, but is in a PWM off time
from either CTRL/PWM or dimming generator low time,
the converter will not skip that channel but will instead wait
for the channel’s PWM signal to rise before sampling. Be
aware that when using CTRL/PWM for external dimming,
long off times in the external signal will result in equivalent
pauses in the ADC converter’s measurement sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com