Electronic Components Datasheet Search
  English  ▼

X  

LT3761 Datasheet(PDF) 16 Page - Analog Devices

Part # LT3761
Description  60V, 1.5A LED Driver with Internal Exponential Scale Dimming
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3761 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT3761 Datasheet HTML 12Page - Analog Devices LT3761 Datasheet HTML 13Page - Analog Devices LT3761 Datasheet HTML 14Page - Analog Devices LT3761 Datasheet HTML 15Page - Analog Devices LT3761 Datasheet HTML 16Page - Analog Devices LT3761 Datasheet HTML 17Page - Analog Devices LT3761 Datasheet HTML 18Page - Analog Devices LT3761 Datasheet HTML 19Page - Analog Devices LT3761 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LT3950
16
Rev. 0
For more information www.analog.com
Maximum Switch and Load Current
An important system parameter is the current limit. This
can prevent damage to the switch and external compo-
nents by limiting the maximum instantaneous current
conducting through the power switch. In a well-designed
system, there will be margin between the maximum switch
current to drive the LED load and the switch current limit.
The LT3950 offers a current limit that does not change
with duty ratio and also has sufficient slope compensa-
tion so that reaching the current limit during line and load
transients does not result in subharmonic oscillations.
A good rule of thumb for setting maximum LED current
for boost and buck-boost power stages appears below.
This equation assumes that the inductor selection used
limits current ripple to around 30% of average current. For
more information on inductor selection, see the External
Component Selection section.
ILED,MAX(30%ripple) ≈1.4A •
VIN
VISP
In the boost and buck-boost mode topologies, average
switch current is related to average LED current by the
ratio of VIN to VISP. In the buck topology, average LED
current approximately equals average inductor current.
For this reason the buck topology provides the highest
possible LED current capability. The peak instantaneous
switch current is thus the average LED current plus half of
the peak to peak ripple current. This leads to the following
result for buck mode current limit.
ILED,MAX(BUCK) = 1.4A
For more information about power stage topologies,
review the example application circuits included below.
Loop Compensation
Loop compensation normally will take the form of an RC
network connected between the VC pin and ground. A
single capacitor can fulfill stability requirements if PCB
area is extremely limited. The addition of a series resis-
tor, however, will increase response speed and can also
recover phase margin. A schematic diagram of the typical
compensation scheme is illustrated below.
APPLICATIONS INFORMATION
Figure 6.
LT3950
CC
RC
VC
3950 F06
Typical Compensation
For many cases, a 1nF capacitor and 10kΩ resistor will
suffice. This is a good place to start for all applications. If
settling time is unacceptable, ringing is too large, or the
loop remains unstable, the information below can help.
First, try reducing or eliminating the compensation resis-
tor, RC, especially if transient response is ringing or under-
damped. Reducing the compensation resistor will cause
longer settling time and larger deviation from load steps
such as PWM dimming.
Next, increase the size of the compensation capacitor, CC.
This will reduce the frequency of the dominant (low fre-
quency) pole and thereby the unity gain frequency. It will
usually be possible to stabilize the loop given a big enough
compensation capacitor. Increasing the compensation
capacitor slows down the transient response to line and
load activity. If the compensation capacitor cannot change
by a small amount to achieve stability, consider instead
increasing the output capacitor or decreasing the inductor
to separate the load pole and right half plane zero.
EXTERNAL COMPONENT SELECTION
Input and Output Capacitor Selection
The input and output capacitors supply the transient cur-
rent for the power stage and should be placed and cho-
sen according to the transient current requirements. An
X7R type ceramic capacitor is usually a good choice for
both input and output capacitor. Even though X7R has
less variation with temperature and DC bias voltage than
many other materials, the effect of capacitance derating
with voltage stress must be considered. It is generally a
good rule of thumb to pick capacitors with a voltage rating
about 60% higher than the application demands.
The switching frequency, output current, inductor ripple
current, and tolerable input voltage ripple are key param-
eters to consider when determining the value of the input
capacitor. Typically, boost, buck-boost mode, and SEPIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com