Electronic Components Datasheet Search
  English  ▼

X  

LT3761 Datasheet(PDF) 17 Page - Analog Devices

Part # LT3761
Description  60V, 1.5A LED Driver with Internal Exponential Scale Dimming
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3761 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT3761 Datasheet HTML 13Page - Analog Devices LT3761 Datasheet HTML 14Page - Analog Devices LT3761 Datasheet HTML 15Page - Analog Devices LT3761 Datasheet HTML 16Page - Analog Devices LT3761 Datasheet HTML 17Page - Analog Devices LT3761 Datasheet HTML 18Page - Analog Devices LT3761 Datasheet HTML 19Page - Analog Devices LT3761 Datasheet HTML 20Page - Analog Devices LT3761 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LT3950
17
Rev. 0
For more information www.analog.com
converters require a lower value input capacitor than buck
mode converters. Use the following equations to estimate
the value of the input capacitor. If the inductor is selected
according to the directions in the Inductor Selection sec-
tion, use the value 15% for the quantity iL(RIPPLE)/iL(DC)
in the following equation, otherwise use the fraction of
average inductor current representing half of the peak to
peak ripple current:
CIN(BOOST) >
iLEDtSW
iL(RIPPLE)
iL(DC)
VLED(MAX)
VIN(MIN)
ΔVIN(MAX)
For a boost converter switching at 2MHz, a 2.2µF input
capacitor will often suffice.
CIN(BUCK) >
iLEDtSW
ΔVIN(MAX)
For the buck case at 2MHz, a 2.2µF input capacitor would
be appropriate to ensure less than 100mV of input volt-
age ripple with iLED = 0.3A. Additional margin is recom-
mended (e.g., the 1.5µF result of evaluating the above
equation may lead to selection of a 2.2µF input capacitor).
In the buck mode configuration, the input capacitor has
large pulsed currents due to the current returned through
the Schottky diode when the switch is off. In the buck con-
verter case it is important to place the capacitor as close
as possible to the Schottky diode and to the exposed pad
of the IC. It is also important to consider the ripple current
rating of the capacitor. For best reliability, this capacitor
should have low ESR and ESL and have an adequate ripple
current rating. Use the following equation to estimate the
RMS input capacitor current for the buck converter case.
iCIN(RMS) =iLED •
VLED
VIN
1–
VLED
VIN
⎛
⎝⎜
⎞
⎠⎟
The selection of the output capacitor depends on load and
power stage configuration. For example, a boost or buck-
boost mode converter will require a much larger output
capacitor than a buck mode converter for the same condi-
tions. The boost and buck-boost mode configurations will
also require similar low ESR and low ESL capacitors like
APPLICATIONS INFORMATION
the input capacitor of the buck mode case. Capacitor val-
ues will increase proportionally with decreasing switch-
ing frequency for the same ripple voltage. The equivalent
resistance presented by an LED load is typically low, so
larger capacitors may be needed to further reduce voltage
ripple. It is likely that the appropriate output capacitor
value will fall between 2.2µF and 47µF. Use the example
applications as a starting point for output capacitor selec-
tion. Sources of quality ceramic capacitors are listed in
Table 3.
Table 3. Capacitor Manufacturers
MANUFACTURER
WEBSITE
MURATA
www.murata.com
TDK
www.tdk.com
KEMET
www.kemet.com
TAIYO YUDEN
www.t-yuden.com
AVX
www.avx.com
Schottky Rectifier Selection
Choose a Schottky diode with reverse breakdown voltage
rating at or above 60V and with average forward current
rating greater than the programmed LED current with
some margin. It is best to find a rectifier with low equiva-
lent capacitance, around or below 350pF. Large equiva-
lent capacitance and/or poor PCB layout can negatively
interact with certain EMI mitigating features in LT3950.
Pay attention to reverse leakage current if the part is to
be used in low frequency PWM dimming (<200Hz) situa-
tions. The reverse leakage current can discharge the out-
put capacitor. This can lead to lengthy turn-on transient
effects that degrade maximum PWM dimming dynamic
range. Note that reverse leakage current increases with
temperature. For many LT3950 applications, the NXP
PMEG6020 will suffice. Table 4 has some recommend
component vendors.
Table 4. Schottky Rectifier Manufaturers
VENDOR
WEBSITE
ON Semiconductor
www.onsemi.com
Diodes, Inc.
www.diodes.com
Central Semiconductor
www.centralsemi.com
NXP
www.nxp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com