Electronic Components Datasheet Search
  English  ▼

X  

LT3761 Datasheet(PDF) 21 Page - Analog Devices

Part # LT3761
Description  60V, 1.5A LED Driver with Internal Exponential Scale Dimming
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3761 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT3761 Datasheet HTML 17Page - Analog Devices LT3761 Datasheet HTML 18Page - Analog Devices LT3761 Datasheet HTML 19Page - Analog Devices LT3761 Datasheet HTML 20Page - Analog Devices LT3761 Datasheet HTML 21Page - Analog Devices LT3761 Datasheet HTML 22Page - Analog Devices LT3761 Datasheet HTML 23Page - Analog Devices LT3761 Datasheet HTML 24Page - Analog Devices LT3761 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LT3950
21
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
100k
LT3950
INTVCC
3950 TA02
1µF
2.2µF
1M
20k
FB
FAULT
FAULT
PWMTG
PWM
CTRL
INTVCC
SYNC/SPRD
RP
ISP
ISN
SW
2.2µF
LED ARRAY
2MHz
45.3k
4.7k
VIN
EN/UVLO
GND
RT
VC
L1
10µH
500m
1µF
220pF
INTVCC
500mA
VIN
3V TO
48V
D1
M1
L1: WURTH 74437324100
D1: DIODES INC. DFLS260Q
M1: VISHAY SI7309
5W Buck-Boost Mode LED Driver with Spread Spectrum Frequency Modulation
Efficiency and Power Loss
ILED = 0.5A
ILED = 0.25A
ILED = 0.5A
ILED = 0.25A
VIN (V)
4
12
8
16 20 24 28 32 36 40 44 48
20
27
34
41
48
55
62
69
76
83
90
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
3950 TA02b
connect to the external PMOS switch, if used. Note, how-
ever, that the gate of the external PMOS should be con-
nected by a narrow trace. Except for the external PMOS
gate, avoid vias where possible in the power path. If vias
are truly unavoidable, use many (more than 10) in parallel.
Despite the techniques used in the design of LT3950 to
mitigate electromagnetic interference (EMI), proper PCB
layout is critical for suppressing radiated and conducted
noise. Minimizing the area of the SW node will decrease
the amount of capacitance that the switch sees, and thus
reduce the current spike seen during switching events.
Failing to minimize the area of the so-called hot loop will
dramatically degrade EMI performance. Keep the output
capacitor and catch diode as close as possible to the SW
pin of the IC to minimize the hot loop. For more informa-
tion about hot loops see Analog Devices Application Notes
AN136 and AN139.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com