Electronic Components Datasheet Search
  English  ▼

X  

LT3476 Datasheet(PDF) 29 Page - Analog Devices

Part # LT3476
Description  I2C Programmable Quad Monolithic Boost LED Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3476 Datasheet(HTML) 29 Page - Analog Devices

Back Button LT3476 Datasheet HTML 25Page - Analog Devices LT3476 Datasheet HTML 26Page - Analog Devices LT3476 Datasheet HTML 27Page - Analog Devices LT3476 Datasheet HTML 28Page - Analog Devices LT3476 Datasheet HTML 29Page - Analog Devices LT3476 Datasheet HTML 30Page - Analog Devices LT3476 Datasheet HTML 31Page - Analog Devices LT3476 Datasheet HTML 32Page - Analog Devices LT3476 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
LT3966
29
Rev. 0
For more information www.analog.com
LED Driver Dimming Generator
OFFSET
NAME
DESCRIPTION
b7
b6
b5
b4
b3
b2
b1
b0
0x02
DIMH
PWM Dim Value
SCL2
SCL1
SCL0
DIM4
DIM3
DIM2
DIM1
DIM0
0x03
DIML
PWM Dim Value
DIM12
DIM11
DIM10
DIM9
DIM8
DIM7
DIM6
DIM5
Bit Description
b[7]
SCL[2:0]: PWM Cycle Length Select. Value from 0 to 7 chooses PWM counter length from 6 to 13 bits. This
sets the period of the PWM generator to n = 2(6 + SEL) counts of the master clock. In the case where a DIM
value is larger than the counter length, the DIM value will be truncated below bit (6+SCL). A DIM value of
0 0000 0000 0001 would be interpreted as 0 in all cases except SCL = 111b.
b[4]
DIM[12:0]: PWM Dimming Setpoint. Specifies the on time of the PWM generator, where period is defined
by SEL. PWM duty cycle is therefore: DIM/n and ranges from 0 to (n-1)/n. To reach 100% on time, simply
disable the dimming generator using the DIMEN bit.
LED Driver Analog Dimming
Offset
Name
Description
b7
b6
b5
b4
b3
b2
b1
b0
0x04
ADIM
Analog Dimming
ADIM7
ADIM6
ADIM5
ADIM4
ADIM3
ADIM2
ADIM1
ADIM0
Bit Description
b[7]
ADIM[7:0]: Modulates the external current sense threshold set by CTRL by the value in the ADIM register.
The default value for ADIM[7:0] is 255.
ANALOG-TO-DIGITAL CONVERTER REGISTERS
ADC Configuration
Default Value: 0000 0000
ADDR
NAME
DESCRIPTION
b7
b6
b5
b4
b3
b2
b1
b0
0x50
ADCCFG
ADC Config
RUN
AUTO
CLKSEL1
CLKSEL0
TGT3
TGT2
TGT1
TGT0
REGISTER TABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com