Electronic Components Datasheet Search
  English  ▼

X  

LT1168 Datasheet(PDF) 22 Page - Analog Devices

Part # LT1168
Description  Precision Instrumentation Amplifier with Level Shift and Output Clamping
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1168 Datasheet(HTML) 22 Page - Analog Devices

Back Button LT1168 Datasheet HTML 18Page - Analog Devices LT1168 Datasheet HTML 19Page - Analog Devices LT1168 Datasheet HTML 20Page - Analog Devices LT1168 Datasheet HTML 21Page - Analog Devices LT1168 Datasheet HTML 22Page - Analog Devices LT1168 Datasheet HTML 23Page - Analog Devices LT1168 Datasheet HTML 24Page - Analog Devices LT1168 Datasheet HTML 25Page - Analog Devices LT1168 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LT6372-1
22
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Input Protection
Additional input protection can be achieved by adding
external resistors in series with each input. If low value
resistors are needed, a clamp diode from the positive
supply to each input will help improve robustness. A
2N4394 drain/source to gate is a good low leakage diode
which can be used as shown in Figure 8. Robust input
resistors should be chosen, such as carbon composite
or bulk metal foil. Metal film and carbon film should not
be used because of their poor performance.
Figure 8.
VEE
6372-1 F08
VCC
VCC
VCC
J2
2N4393
J1
2N4393
OUT
OPTIONAL FOR HIGHEST
ESD PROTECTION
RG
RIN
RIN
LT6372-1
REF1,2
Input Protection
Maintaining AC CMRR
To achieve optimum AC CMRR, it is important to balance
the capacitance on the RG gain setting pins. Furthermore,
if the source resistance on each input is not equal, add-
ing an additional resistance to one input to improve input
source resistance matching will improve AC CMRR.
RFI Reduction/Internal RFI Filter
In many industrial and data acquisition applications, the
LT6372-1 will be used to amplify small signals accurately
in the presence of large common mode voltages or high
levels of noise. Typically, the sources of these very small
signals (on the order of microvolts or millivolts) are sen-
sors that can be a significant distance from the signal
conditioning circuit. Although these sensors may be con-
nected to signal conditioning circuitry using shielded or
unshielded twisted-pair cabling, the cabling may act as
an antenna, conveying very high frequency interference
directly into the input stage of the LT6372-1.
The amplitude and frequency of the interference can have
an adverse effect on an instrumentation amplifier’s input
stage by causing any unwanted DC shift in the amplifier’s
input offset voltage. This well known effect is called RFI
rectification and is produced when out-of-band interfer-
ence is coupled (inductively, capacitively or via radiation)
and rectified by the instrumentation amplifier’s input tran-
sistors. These transistors act as high frequency signal
detectors, in the same way diodes were used as RF enve-
lope detectors in early radio designs. Regardless of the
type of interference or the method by which it is coupled
into the circuit, an out-of-band error signal appears in
series with the instrumentation amplifier’s inputs.
To help minimize this effect, the LT6372-1 has 50MHz on-
chip RFI filters to help attenuate high frequencies before
they can interact with its input transistors. These on-chip
filters are well matched due to their monolithic construc-
tion, which helps minimize any degradation in AC CMRR.
To reduce the effect of these out-of-band signals on the
input offset voltage of the LT6372-1 further, an additional
external low-pass filter can be used at the inputs. The
filter should be located very close to the input pins of
the circuit. An effective filter configuration is illustrated
in Figure 9, where three capacitors have been added to
the inputs of the LT6372-1.
The filter limits the input signal according to the following
relationship:
FilterFreqDIFF =
1
2πR(2CD+CC)
FilterFreqCM =
1
2πRCC
where CD ≥10CC.
CD affects the difference signal. CC affects the common-
mode signal. Any mismatch in R × CC degrades the
LT6372-1 CMRR. To avoid inadvertently reducing CMRR-
bandwidth performance, make sure that CC is at least one
magnitude smaller than CD.The effect of mismatched CCs
is reduced with a larger CD:CC ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com