Electronic Components Datasheet Search
  English  ▼

X  

LT1168 Datasheet(PDF) 24 Page - Analog Devices

Part # LT1168
Description  Precision Instrumentation Amplifier with Level Shift and Output Clamping
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1168 Datasheet(HTML) 24 Page - Analog Devices

Back Button LT1168 Datasheet HTML 20Page - Analog Devices LT1168 Datasheet HTML 21Page - Analog Devices LT1168 Datasheet HTML 22Page - Analog Devices LT1168 Datasheet HTML 23Page - Analog Devices LT1168 Datasheet HTML 24Page - Analog Devices LT1168 Datasheet HTML 25Page - Analog Devices LT1168 Datasheet HTML 26Page - Analog Devices LT1168 Datasheet HTML 27Page - Analog Devices LT1168 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LT6372-1
24
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Error Budget Analysis
The LT6372-1 features a split reference configuration pro-
viding a convenient and effective way to interface a bipolar
swing to an ADC input without additional precision com-
ponents. Performing the same level shift with traditional
intsrumentation amplifiers as shown in Figure 11 requires
external precison components which decrease accu-
racy, increase cost and occupy valuable PCB space. The
error budget in Table 2 shows the total system error of a
LT6372-1 used as a bridge amplifier.
Table 2. Error Budget
ERROR SOURCE
CALCULATION
ERROR, ppm OF FULL SCALE
LT6372-1
Absolute Accuracy at TA = 25°C
Gain Error, %
Input Offset Voltage, µV
Output Offset Voltage, µV
Input Offset Current, nA
CMRR, dB
Gain Error in % • 10k + 1000
VOSI/20mV
[VOSO/100]/20mV
[(IOS)(350)/2]/20mV
[(CMRR in ppm)(5V)/20mV
2200
3000
137.5
12.25
250
Total Accuracy Error
5599.75
Drift to 85°C
Gain Drift, ppm/°C
Input Offset Voltage Drift, µV/°C
Output Offset Voltage Drift, µV/°C
(Gain Drift + 10ppm/°C)(60°C)
[(VOSI Drift)(60°C)]/20mV
[(VOSO Drift)(60°C)]/100/20mV
2700
1800
120
Total Drift Error
4620
Resolution
Gain Nonlinearity, ppm of Full Scale
Typ 0.1Hz to 10Hz Voltage Noise, µVP-P
(0.1Hz to 10Hz Noise)/20mV
50
10
Total Resolution Error
60
Grand Total Error
10279.75
G = 100
All errors are min/max and referred to input.
350
350
350
350
10V
PRECISION BRIDGE TRANSDUCER
LT6370A MONOLITHIC
INSTRUMENTATION AMPLIFIER
G = 100, RG = ±0.1%, ±10ppm TC
6372-1 F10
RG
243
REF1
REF2
5V REF
LT6372-1
Figure 10. Precision Bridge Amplifier Using LT6372-1
Figure 11. Precision Bridge Amplifier with External Level Shift
350
5V REF
R1
R2
350
350
350
10V
PRECISION BRIDGE TRANSDUCER
LT6370A MONOLITHIC
INSTRUMENTATION AMPLIFIER
G = 100, RG = ±0.1%, ±10ppm TC
6372-1 F11
RG
243
REF
LT6370A
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com