Electronic Components Datasheet Search
  English  ▼

X  

LT3763 Datasheet(PDF) 32 Page - Analog Devices

Part # LT3763
Description  60VIN, 100VOUT Synchronous 4-Switch Buck-Boost LED Driver Controller with Low EMI
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3763 Datasheet(HTML) 32 Page - Analog Devices

Back Button LT3763 Datasheet HTML 24Page - Analog Devices LT3763 Datasheet HTML 25Page - Analog Devices LT3763 Datasheet HTML 26Page - Analog Devices LT3763 Datasheet HTML 27Page - Analog Devices LT3763 Datasheet HTML 28Page - Analog Devices LT3763 Datasheet HTML 29Page - Analog Devices LT3763 Datasheet HTML 30Page - Analog Devices LT3763 Datasheet HTML 31Page - Analog Devices LT3763 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LT8393
32
Rev. A
For more information www.analog.com
ANALOG DEVICES, INC. 2019-2020
10/20
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT8391/LT8391A
60V, Synchronous 4-Switch Buck-Boost LED
Controller with Spread Spectrum
VIN: 4V to 60V, VOUT: 0V to 60V, ±3% Current Accuracy, Internal and External
PWM Dimming, TSSOP-28 and 4mm × 5mm QFN-28
LT8390/LT8390A
High Efficiency, 2MHz, Synchronous, 4-Switch
Buck-Boost Controller
VIN: 4V to 60V, VOUT: 1V to 60V, ISD = <1µA, TSSOP-28E and 4mm × 5mm
QFN-28
LT3922
36V, 2A, 2MHz Synchronous Step Up LED Driver with
Internal 128:1 PWM Dimming
VIN: 2.8V to 36V, VOUT: 4V to 34V, ISD = 1µA, Internal 128:1 PWM Dimming,
Ext 5000:1, 4mm × 5mm QFN-28
LT3755/LT3755-1/
LT3755-2
40VIN, 75VOUT, 1MHz Non-Synchronous Boost LED
Controller
VIN: 4.5V to 40V, VOUT: VIN to 75V, ±4% Current Accuracy, 3mm × 3mm
QFN-16 and MSE-16
LT3761
60VIN, 80VOUT, 1MHz Non-Synchronous Boost LED
Controller with Internal PWM Generator
VIN: 4.5V to 60V, VOUT: VIN to 80V, ±3% Current Accuracy, External and
Internal PWM dimming, MSE-16
LT3762
60V, Synchronous Boost LED Driver Controller with
Spread Spectrum
VIN: 2.5V to 38.5V, VOUT: 0V to 60V, +/-3.5% Current Accuracy, Internal and
External PWM Dimming, TSSOP-28 and 4mm × 5mm QFN-28
LT3763
60V, Synchronous Step-Down LED Controller
VIN: 6V to 60V, VOUT: 0V to 55V, Internal and External PWM Dimming,
TSSOP-28
LT3795
110V, 1MHz Non-Synchronous Boost LED Controller
with Spread Spectrum Frequency Modulation
VIN: 4.5V to 110V, VOUT: VIN to 110V, ±3% Current Accuracy, Internal Spread
Spectrum, TSSOP-28
Highly Efficient 2MHz Buck-Boost Controller Driving LEDs at High Current (1.5A)
165k
22nF
4.7µF
0.1µF
22µF
383k
4.7µF
100k
0.47µF
51.1k
3.3nF
4.7k
1M
48.7k
10µF
100k
0.1µF
1µF
1µF
L1
2.2µH
M3
M4
M1
M2
D1
D2
6m
R1
68m
M5
300k
EN/UVLO
VREF
CTRL
FAULT
BG2
BST2
TG2
INTVCC
FB
VOUT
ISP
ISN
SYNC/SPRD
VIN
6V TO 32V CONTINUOUS
4V TO 56V TRANSIENT
2MHz
63V
100V
×2
25V
×2
FAULT
LSP
LSN
SW1
SW2
BST1
TG1
BG1
VIN
LT8393
SS
VC
RT
GND
SSFM OFF
SSFM ON
L1: COILCRAFT XAL5030-222MEB 2.2µH
M1, M2: NXP BUK9M42-60E
M3, M4: INFINEON IPZ40N04S5L-7R4
M5: VISHAY Si2343CDS
D1, D2: NXP BAT46WJ
R1: SUSUMU KRL3216D-C-R006-F
INTVCC
INTVCC
INTVCC
PWMTG
16V
1.5A
LEDs
PWM
RP
ANALOG DIM
PWM DIM
PWM SETTING
122Hz
EXT
INT
8393 TA02a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com