Electronic Components Datasheet Search
  English  ▼

X  

LT3763 Datasheet(PDF) 6 Page - Analog Devices

Part # LT3763
Description  60VIN, 100VOUT Synchronous 4-Switch Buck-Boost LED Driver Controller with Low EMI
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3763 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT3763 Datasheet HTML 2Page - Analog Devices LT3763 Datasheet HTML 3Page - Analog Devices LT3763 Datasheet HTML 4Page - Analog Devices LT3763 Datasheet HTML 5Page - Analog Devices LT3763 Datasheet HTML 6Page - Analog Devices LT3763 Datasheet HTML 7Page - Analog Devices LT3763 Datasheet HTML 8Page - Analog Devices LT3763 Datasheet HTML 9Page - Analog Devices LT3763 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LT8393
6
Rev. A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2). VIN = 12V, VEN/UVLO = 1.5V unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator
Switching Frequency
VSYNC/SPRD = 0V, RT = 422k
VSYNC/SPRD = 0V, RT = 51.1k
l
330
1900
350
2000
370
2100
kHz
kHz
SYNC Frequency
350
2000
kHz
SYNC/SPRD Threshold Voltage
0.4
1.5
V
Region Transition
Buck-Boost to Boost (VIN/VOUT)
0.72
0.75
0.78
Boost to Buck-Boost (VIN/VOUT)
0.82
0.85
0.88
Buck to Buck-Boost (VIN/VOUT)
1.22
1.25
1.28
Buck-Boost to Buck (VIN/VOUT)
1.30
1.33
1.36
Peak-Buck to Peak-Boost (VIN/VOUT)
0.96
0.98
1.00
Peak-Boost to Peak-Buck (VIN/VOUT)
1.00
1.02
1.04
NMOS Drivers
TG1, TG2 Gate Driver On-Resistance
Gate Pull-Up
Gate Pull-Down
V(BST-SW) = 5V
2.6
1.4
Ω
Ω
BG1, BG2 Gate Driver On-Resistance
Gate Pull-Up
Gate Pull-Down
VINTVCC = 5V
3.2
1.2
Ω
Ω
TG Off to BG On Delay
CL = 3.3nF
60
ns
BG Off to TG On Delay
CL = 3.3nF
60
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com