Electronic Components Datasheet Search
  English  ▼

X  

LT3763 Datasheet(PDF) 18 Page - Analog Devices

Part # LT3763
Description  60VIN, 100VOUT Synchronous 4-Switch Buck-Boost LED Driver Controller with Low EMI
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3763 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT3763 Datasheet HTML 14Page - Analog Devices LT3763 Datasheet HTML 15Page - Analog Devices LT3763 Datasheet HTML 16Page - Analog Devices LT3763 Datasheet HTML 17Page - Analog Devices LT3763 Datasheet HTML 18Page - Analog Devices LT3763 Datasheet HTML 19Page - Analog Devices LT3763 Datasheet HTML 20Page - Analog Devices LT3763 Datasheet HTML 21Page - Analog Devices LT3763 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LT8393
18
Rev. A
For more information www.analog.com
OPERATION
During the UP/RUN state, the switching is enabled and
the start-up of the output voltage VOUT is controlled by
the voltage on the SS pin. When the SS pin voltage is less
than 1V, the LT8393 regulates the FB pin voltage to the
SS pin voltage instead of the 1V reference. This allows the
SS pin to be used to program soft-start by connecting an
external capacitor from the SS pin to GND. The internal
12.5µA pull-up current charges up the capacitor, creating
a voltage ramp on the SS pin. As the SS pin voltage rises
linearly from 0.25V to 1V (and beyond), the output voltage
VOUT rises smoothly to its final LED string voltage.
Once the SS pin is charged above 1.75V, the LT8393
enters the OK/RUN state, where the LED fault (both open
LED and short LED) detection is activated. The open LED
fault means that VFB > 0.95V and V(ISP-ISN) < 10mV, and
the short LED fault means that VFB < 0.25V. Both the open
LED and short LED faults are combined to the FAULT pin.
When either fault happens, the LT8393 enters the FAULT/
RUN state, where a 1.25µA pull-down current slowly dis-
charges the SS pin with the other conditions the same as
the OK/RUN state. Once the SS pin is discharged below
1.7V, the LT8393 enters the DOWN/STOP state, where
the switching is disabled and the LED fault detection is
deactivated with the previous fault latched. Once the SS
pin is discharged below 0.2V and the PWMON signal is still
high, the LT8393 goes back to the UP/RUN state.
In an open or short LED condition, the LT8393 can be set
to hiccup, latch-off, or keep-running fault protection mode
with a resistor between the SS and VREF pins. Without any
resistor, the LT8393 will hiccup with SS pin between 0.2V
and 1.75V and go around the UP/RUN, OK/RUN, FAULT/
RUN, and DOWN/STOP states until the fault condition is
cleared. With a 499k resistor, the LT8393 will latch off until
the EN/UVLO is toggled. With a 100k resistor, the LT8393
will keep running regardless of the fault.
APPLICATIONS INFORMATION
The front page shows a typical LT8393 application circuit.
ThisApplicationsInformationsectionservesasaguideline
of selecting external components for typical applications.
The examples and equations in this section assume
continuous conduction mode unless otherwise specified.
Switching Frequency Selection
The LT8393 uses a constant frequency control scheme
between 350kHz and 2MHz. Selection of the switching
frequency is a tradeoff between efficiency and component
size. Low frequency operation improves efficiency by
reducing MOSFET switching losses, but requires larger
inductor and capacitor values. For high power applica-
tions, consider operating at lower frequencies to minimize
MOSFET heating from switching losses. For low power
applications, consider operating at higher frequencies to
minimize the total solution size.
Inaddition,thespecificapplicationalsoplaysanimportant
role in switching frequency selection. In a noise-sensitive
system,theswitchingfrequencyisusuallyselectedtokeep
the switching noise out of a sensitive frequency band.
Switching Frequency Setting
The switching frequency of the LT8393 can be set by the
internal oscillator. With the SYNC/SPRD pin pulled to
ground, the switching frequency is set by a resistor from
the RT pin to ground. Table 1 shows RT resistor values
for common switching frequencies.
Table 1. Switching Frequency vs RT Value (1% Resistor)
fOSC (MHz)
RT (k)
0.4
374
0.6
237
0.8
169
1.0
130
1.2
102
1.4
84.5
1.6
71.5
1.8
60.4
2.0
51.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com