Electronic Components Datasheet Search
  English  ▼

X  

LT8610AC Datasheet(PDF) 1 Page - Analog Devices

Part # LT8610AC
Description  42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8610AC Datasheet(HTML) 1 Page - Analog Devices

  LT8610AC Datasheet HTML 1Page - Analog Devices LT8610AC Datasheet HTML 2Page - Analog Devices LT8610AC Datasheet HTML 3Page - Analog Devices LT8610AC Datasheet HTML 4Page - Analog Devices LT8610AC Datasheet HTML 5Page - Analog Devices LT8610AC Datasheet HTML 6Page - Analog Devices LT8610AC Datasheet HTML 7Page - Analog Devices LT8610AC Datasheet HTML 8Page - Analog Devices LT8610AC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LT8636/LT8637
1
Rev. C
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
42V, 5A/7A Peak Synchronous Step-Down
Silent Switcher with 2.5µA Quiescent Current
DESCRIPTION
The LT®8636/LT8637 synchronous step-down regulator
features Silent Switcher architecture designed to minimize
EMI emissions while delivering high efficiency at high
switching frequencies. Peak current mode control with
a 30ns minimum on-time allows high step-down ratios
even at high switching frequencies.
The LT8636’s ultralow 2.5µA quiescent current—with the
output in full regulation—enables applications requiring
highest efficiency at very small load currents. The LT8637
has external compensation to enable current sharing and
fast transient response at high switching frequencies. A
CLKOUT pin enables synchronizing other regulators to
the LT8636/LT8637.
Burst Mode operation enables ultralow standby current
consumption, forced continuous mode can control fre-
quency harmonics across the entire output load range, or
spread spectrum operation can further reduce EMI emis-
sions. Soft-start and tracking functionality is accessed
via the TR/SS pin, and an accurate input voltage UVLO
threshold can be set using the EN/UV pin.
5V, 5A Step-Down Converter
APPLICATIONS
n
Silent Switcher® Architecture
n
Ultralow EMI Emissions
n
Optional Spread Spectrum Modulation
n
High Efficiency at High Frequency
n
Up to 96% Efficiency at 1MHz, 12VIN to 5VOUT
n
Up to 95% Efficiency at 2MHz, 12VIN to 5VOUT
n
Wide Input Voltage Range: 3.4V to 42V
n
5A Maximum Continuous, 7A Peak Transient Output
n
Ultralow Quiescent Current Burst Mode® Operation
n
2.5µA IQ Regulating 12VIN to 3.3VOUT (LT8636)
n
Output Ripple < 10mVP-P
n
External Compensation: Fast Transient Response
and Current Sharing (LT8637)
n
Fast Minimum Switch On-Time: 30ns
n
Low Dropout Under All Conditions: 100mV at 1A
n
Forced Continuous Mode
n
Adjustable and Synchronizable: 200kHz to 3MHz
n
Output Soft-Start and Power Good
n
Small 20-Lead 4mm
× 3mm LQFN Package
n
AEC-Q100 Qualified for Automotive Applications
n
Automotive and Industrial Supplies
n
General Purpose Step-Down
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. patents, including 8823345.
12VIN to 5VOUT Efficiency
EFFICIENCY
POWER LOSS
1MHz, L = 2.7µH
2MHz, L = 1.5µH
3MHz, L = 1µH
LOAD CURRENT (A)
0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
60
65
70
75
80
85
90
95
100
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
8636 TA01b
LT8636
8636 TA01a
SW
BST
VIN
GND
VIN
GND
EN/UV
BIAS
RT
INTVCC
FB
GND
100µF
1µF
1M
VOUT
5V
5A
4.7µF
1µF
1µF
0.1µF
10pF
3.3µH
VIN
5.7V TO 42V
41.2k
243k
fSW = 1MHz


Similar Part No. - LT8610AC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8610AC LINER-LT8610AC Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT8610AC LINER-LT8610AC Datasheet
1Mb / 38P
42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
LT8610AC LINER-LT8610AC Datasheet
1Mb / 26P
60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
logo
Analog Devices
LT8610AC AD-LT8610AC Datasheet
2Mb / 20P
High Efficiency 42V/120mA Synchronous Buck
LT8610AC AD-LT8610AC Datasheet
2Mb / 24P
42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
01/21-REV.D
More results

Similar Description - LT8610AC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8614 LINER-LT8614_15 Datasheet
511Kb / 24P
42V, 4A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8640 LINER-LT8640_15 Datasheet
751Kb / 26P
42V, 5A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8640 LINER-LT8640 Datasheet
295Kb / 6P
42V, 5A Micropower Synchronous Step-Down Silent Switcher
LT8650S LINER-LT8650S Datasheet
394Kb / 6P
Dual Channel 42V, 4A Synchronous Step-Down Silent Switcher with 6.2關A Quiescent Current
LT8641 LINER-LT8641 Datasheet
3Mb / 26P
65V, 3.5A Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
LT8645S LINER-LT8645S Datasheet
453Kb / 30P
65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5關A Quiescent Current
logo
Analog Devices
LT8653S AD-LT8653S Datasheet
2Mb / 30P
Dual Channel 2A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2關A Quiescent Current
LT8640A AD-LT8640A Datasheet
1Mb / 28P
42V, 5A/8A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
Rev. 0
LT8641A AD-LT8641A Datasheet
860Kb / 35P
65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev 0
LT8638-2 AD-LT8638-2 Datasheet
984Kb / 35P
42V, 10A/12A Peak Synchronous Step-Down Silent Switcher
Rev.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com