Electronic Components Datasheet Search
  English  ▼

X  

LT8610AC Datasheet(PDF) 12 Page - Analog Devices

Part # LT8610AC
Description  42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8610AC Datasheet(HTML) 12 Page - Analog Devices

Back Button LT8610AC Datasheet HTML 8Page - Analog Devices LT8610AC Datasheet HTML 9Page - Analog Devices LT8610AC Datasheet HTML 10Page - Analog Devices LT8610AC Datasheet HTML 11Page - Analog Devices LT8610AC Datasheet HTML 12Page - Analog Devices LT8610AC Datasheet HTML 13Page - Analog Devices LT8610AC Datasheet HTML 14Page - Analog Devices LT8610AC Datasheet HTML 15Page - Analog Devices LT8610AC Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LT8636/LT8637
12
Rev. C
For more information www.analog.com
PIN FUNCTIONS
PG (Pin 1): The PG pin is the open-drain output of an
internal comparator. PG remains low until the FB pin is
within ±8% of the final regulation voltage, and there are
no fault conditions. PG is also pulled low when EN/UV is
below 1V, INTVCC has fallen too low, VIN is too low, or
thermal shutdown. PG is valid when VIN is above 3.4V.
BIAS (Pin 2): The internal regulator will draw current from
BIAS instead of VIN when BIAS is tied to a voltage higher
than 3.1V. For output voltages of 3.3V to 25V this pin
should be tied to VOUT. If this pin is tied to a supply other
than VOUT use a 1µF local bypass capacitor on this pin.
If no supply is available, tie to GND. However, especially
for high input or high frequency applications, BIAS should
be tied to output or an external supply of 3.3V or above.
INTVCC (Pin 3): Internal 3.4V Regulator Bypass Pin. The
internal power drivers and control circuits are powered
from this voltage. INTVCC maximum output current is
20mA. Do not load the INTVCC pin with external circuitry.
INTVCC current will be supplied from BIAS if BIAS > 3.1V,
otherwise current will be drawn from VIN. Voltage on
INTVCC will vary between 2.8V and 3.4V when BIAS is
between 3.0V and 3.6V. Place a low ESR ceramic capaci-
tor of at least 1µF from this pin to ground close to the IC.
GND (Pins 4, 13, Exposed Pad Pin 21): Ground. Place
the negative terminal of the input capacitor as close to
the GND pins as possible. The exposed pads should be
soldered to the PCB for good thermal performance. If
necessary due to manufacturing limitations Pin 21 may
be left disconnected, however thermal performance will
be degraded.
NC (Pins 5, 12): No Connect. This pin is not connected
to internal circuitry and can be tied anywhere on the PCB,
typically ground.
VIN (Pins 6, 11): The VIN pins supply current to the
LT8636/LT8637 internal circuitry and to the internal top-
side power switch. The LT8636/LT8637 requires the use
of multiple VIN bypass capacitors. Two small 1µF capaci-
tors should be placed as close as possible to the LT8636/
LT8637, one capacitor on each side of the device (CIN1,
CIN2). A third capacitor with a larger value, 2.2µF or higher,
should be placed near CIN1 or CIN2. See Applications
Information section for sample layout.
BST (Pin 7): This pin is used to provide a drive voltage,
higher than the input voltage, to the topside power switch.
Place a 0.1µF boost capacitor as close as possible to
the IC.
SW (Pins 8–10): The SW pins are the outputs of the inter-
nal power switches. Tie these pins together and connect
them to the inductor. This node should be kept small on
the PCB for good performance and low EMI.
EN/UV (Pin 14): The LT8636/LT8637 is shut down when
this pin is low and active when this pin is high. The hyster-
etic threshold voltage is 1.00V going up and 0.96V going
down. Tie to VIN if the shutdown feature is not used. An
external resistor divider from VIN can be used to program
a VIN threshold below which the LT8636/LT8637 will shut
down.
SYNC/MODE (Pin 15): For the LT8636/LT8637, this
pin programs four different operating modes: 1) Burst
Mode operation. Tie this pin to ground for Burst Mode
operation at low output loads—this will result in ultralow
quiescent current. 2) Forced Continuous mode (FCM).
This mode offers fast transient response and full
frequency operation over a wide load range. Float this
pin for FCM. When floating, pin leakage currents should
be <1µA. See Block Diagram for internal pull-up and
pull-down resistance. 3) Spread spectrum mode. Tie
this pin high to INTVCC (~3.4V) or an external supply
of 3V to 4V for forced continuous mode with spread-
spectrum modulation. 4) Synchronization mode. Drive
this pin with a clock source to synchronize to an external
frequency. During synchronization the part will operate
in forced continuous mode.
CLKOUT (Pin 16): In forced continuous mode, spread
spectrum, and synchronization modes, the CLKOUT pin
will provide a ~200ns wide pulse at the switch frequency.
The low and high levels of the CLKOUT pin are ground and
INTVCC respectively, and the drive strength of the CLKOUT
pin is several hundred ohms. In Burst Mode operation,
the CLKOUT pin will be low. Float this pin if the CLKOUT
function is not used.
RT (Pin 17): A resistor is tied between RT and ground to
set the switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com