Electronic Components Datasheet Search
  English  ▼

X  

LTC3311 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC3311
Description  5V, 12.5A Synchronous Step-Down Silent Switcher in 3mm x 3mm LQFN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3311 Datasheet(HTML) 4 Page - Analog Devices

  LTC3311 Datasheet HTML 1Page - Analog Devices LTC3311 Datasheet HTML 2Page - Analog Devices LTC3311 Datasheet HTML 3Page - Analog Devices LTC3311 Datasheet HTML 4Page - Analog Devices LTC3311 Datasheet HTML 5Page - Analog Devices LTC3311 Datasheet HTML 6Page - Analog Devices LTC3311 Datasheet HTML 7Page - Analog Devices LTC3311 Datasheet HTML 8Page - Analog Devices LTC3311 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LTC3311
4
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT Line Regulation
VOUT = 1.2V
VOUT Load Regulation
VOUT = 1.2V
Efficiency, VOUT = 0.5V
Forced Continuous Operation
VIN = 3.3V, TA = 25°C, unless otherwise noted.
Efficiency, VOUT = 0.5V
Pulse Skip Mode Operation
Efficiency, VOUT = 1.2V
Forced Continuous Operation
Efficiency, VOUT = 1.2V
Pulse Skip Mode Operation
ILOAD = 1A
LOAD = 3A
LOAD = 6A
LOAD = 9A
LOAD = 12A
INPUT VOLTAGE (V)
2.5
3
3.5
4
4.5
5
5.5
1.188
1.190
1.192
1.194
1.196
1.198
1.200
1.202
1.204
1.206
1.208
1.210
1.212
In VOUT = 1.2V Application
3311 G01
VIN = 2.5V
VIN = 3.3V
VIN = 5V
ILOAD (A)
0
2
4
6
8
10
12
1.188
1.190
1.192
1.194
1.196
1.198
1.200
1.202
1.204
1.206
1.208
1.210
1.212
In VOUT = 1.2V Application
3311 G02
FSW = 2MHz, Wurth HCM5030 744350300055
VIN = 2.5V
VIN = 3.3V
VIN = 5V
ILOAD (A)
0.001
0.01
0.1
1
10 20
0
10
20
30
40
50
60
70
80
90
100
Forced Continuous Operation
3311 G03
FSW = 2MHz, Wurth HCM5030 744350300055
VIN = 2.5V
VIN = 3.3V
VIN = 5V
ILOAD (A)
0.001
0.01
0.1
1
10 20
0
10
20
30
40
50
60
70
80
90
100
3311 G04
fSW = 2MHz Wurth HCM5030 74435030010
VIN = 2.5V
VIN = 3.3V
VIN = 5V
ILOAD (A)
0.001
0.01
0.1
1
10 20
0
10
20
30
40
50
60
70
80
90
100
Forced Continuous Operation
3311 G05
fSW = 2MHz Wurth HCM5030 74435030010
VIN = 2.5V
VIN = 3.3V
VIN = 5V
ILOAD (A)
0.001
0.01
0.1
1
10 20
0
10
20
30
40
50
60
70
80
90
100
Pulse Skip Mode Operation
3311 G06
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3311J/ LTC3311H are guaranteed to meet performance
specifications from –40°C to 150°C junction temperature.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
MODE/SYNC Input Resistance
200
kΩ
MODE/SYNC No Clock Detect Time
20
µs
MODE/SYNC Clock Out Rise/Fall Time
CMODE/SYNC = 50pF
10
ns
MODE/SYNC Clock Low Output Voltage
IMODE/SYNC = 100µA
0.2
V
MODE/SYNC Clock High Output Voltage
IMODE/SYNC = 100µA
VIN – 0.2
V
MODE/SYNC Clock Out Duty Cycle
50
%
The l denotes the specifications which apply over the specified operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 2, 3) VIN = 3.3V, VEN = VIN, MODE/SYNC = 0V, unless otherwise noted.
Note 3: The LTC3311 includes overtemperature protection which protects
the device during momentary overload conditions. Junction temperatures
will exceed 150°C when overtemperature protection is active. Continuous
operation above the specified maximum operating junction temperature
may impair device reliability.
Note 4: Supply current specification does not include switching currents.
Actual supply currents will be higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com