Electronic Components Datasheet Search
  English  ▼

X  

LTC3311 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC3311
Description  5V, 12.5A Synchronous Step-Down Silent Switcher in 3mm x 3mm LQFN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3311 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC3311 Datasheet HTML 17Page - Analog Devices LTC3311 Datasheet HTML 18Page - Analog Devices LTC3311 Datasheet HTML 19Page - Analog Devices LTC3311 Datasheet HTML 20Page - Analog Devices LTC3311 Datasheet HTML 21Page - Analog Devices LTC3311 Datasheet HTML 22Page - Analog Devices LTC3311 Datasheet HTML 23Page - Analog Devices LTC3311 Datasheet HTML 24Page - Analog Devices LTC3311 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LTC3311
21
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Four Phase, 2MHz, 1.2V, 50A, Forced Continuous Mode
LTC3311
LTC3311
LTC3311
LTC3311
3311 TA04
VOUT
1.2V
50A
PGOOD
SW
FB
RT
EN
MODE/SYNC
ITH
PGOOD
SW
FB
RT
EN
MODE/SYNC
SSTT
ITH
PGOOD
SW
FB
RT
EN
MODE/SYNC
SSTT
ITH
PGOOD
SW
FB
RT
EN
MODE/SYNC
SSTT
ITH
22µF
x3
22µF
x2
22µF
x2
22µF
x2
0.01µF
0.01µF
0.01µF
0.01µF
0.01µF
0.01µF
0.01µF
0.01µF
22µF
1µF
100nH
22µF
1µF
100nH
22µF
1µF
100nH
22µF
1µF
22µF
22µF
22µF
22µF
100nH
0.1µF
3.32k
470pF
NC
NC
NC
VIN
VIN
3.0V TO 5.5V
PGND
AGND
SSTT
VIN
VIN
VIN
VIN
VIN
PGND
AGND
VIN
VIN
PGND
AGND
VIN
VIN
PGND
AGND
301k
100k
100k
301k
180°
90°
270°
140k
100k
6.8pF
274k
100k
L = COILCRAFT, XEL4030-101ME
PGOOD
PGOOD
PGOOD
PGOOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com