Electronic Components Datasheet Search
  English  ▼

X  

LTC3311 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC3311
Description  5V, 12.5A Synchronous Step-Down Silent Switcher in 3mm x 3mm LQFN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3311 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC3311 Datasheet HTML 9Page - Analog Devices LTC3311 Datasheet HTML 10Page - Analog Devices LTC3311 Datasheet HTML 11Page - Analog Devices LTC3311 Datasheet HTML 12Page - Analog Devices LTC3311 Datasheet HTML 13Page - Analog Devices LTC3311 Datasheet HTML 14Page - Analog Devices LTC3311 Datasheet HTML 15Page - Analog Devices LTC3311 Datasheet HTML 16Page - Analog Devices LTC3311 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTC3311
13
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
The second method to set the LTC3311 switching fre-
quency is by synchronizing the internal PLL circuit to an
external frequency applied to the MODE/SYNC pin. The
synchronization frequency range is 0.5MHz to 2.25MHz.
The internal PLL starts up at the 2MHz default frequency.
After detecting an external clock on the first rising edge
of the MODE/SYNC pin, the internal PLL gradually adjusts
its operating frequency to match the frequency and phase
of the MODE/SYNC signal.
The LTC3311 detects when the external clock is removed
and will gradually adjust its operating frequency to the
2MHz default frequency. The LTC3311 operates in forced
continuous mode when synchronized to an external clock.
The third method of setting the LTC3311 switching fre-
quency is to use the internal nominal 2MHz default clock.
See Table 4 for pin configuration.
Inductor Selection and Maximum Output Current
Considerations in choosing an inductor are inductance,
RMS current rating, saturation current rating, DCR and
core loss.
A good first choice for the inductor value is given by
Equation 4 and Equation 5.
L ≈
VOUT
4A
• fSW
• 1−
VOUT
VIN(MAX)
⎛
⎝
⎜
⎞
⎠
⎟ for
VOUT
VIN(MAX)
≤ 0.5
(4)
L ≈
0.25
• VIN(MAX)
4A
• fSW
for
VOUT
VIN(MAX)
> 0.5
(5)
where fSW is the switching frequency in MHz, VIN is the
input voltage and L is the inductor value in μH.
To avoid overheating of the inductor, choose an inductor with
an RMS current rating that is greater than the maximum
expected output load of the application. Overload and short
circuit conditions may need to be taken into consideration.
In addition, the saturation current (ISAT) rating of the
inductor must be higher than the load current plus 1/2 of
the inductor ripple current (Equation 6).
ISAT ≥ILOAD MAX
(
) +
1
2
∆IL
(6)
where ILOAD(MAX) is the maximum output load current for
a given application and ΔIL is the inductor ripple current
calculated using Equation 7.
∆IL =
VOUT
L • fSW
• 1–
VOUT
VIN(MAX)
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟
(7)
where VIN(MAX) is the maximum application input voltage.
To keep the efficiency high, choose an inductor with the
lowest series resistance (DCR). The core material should
be intended for high frequency applications.
The LTC3311 limits the peak switch current in order to
protect the switches and the system from overload faults.
The inductor value must then be sufficiently large to sup-
ply the desired maximum output current, IOUT(MAX), which
is a function of the switch current limit, ILIM, and the ripple
current (Equation 8).
IOUT MAX
(
) = ILIM – ∆IL
(8)
Therefore, the maximum output current that the LTC3311
will deliver depends on the switch current limit, the induc-
tor value, and the input and output voltages. The inductor
value may have to be increased if the inductor ripple cur-
rent does not allow sufficient maximum output current
(IOUT(MAX)) given the switching frequency, and maximum
input voltage used in the desired application.
Table 2. Inductor Manufacturers
VENDOR
URL
Coilcraft
www.coilcraft.com
Sumida
www.sumida.com
Toko
www.toko.com
Wurth Elektronik
www.we-online.com
Vishay
www.vishay.com
XFMRS
www.xfmrs.com
Input Capacitors
Bypass the input of the LTC3311 with at least two bulk
storage ceramic capacitors close to the part, one on each
side from VIN to PGND. These capacitors should be 0603
or 0805 in size. See layout section for more detail. X7R or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com