Electronic Components Datasheet Search
  English  ▼

X  

LTC3882 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC3882
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3882 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC3882 Datasheet HTML 3Page - Analog Devices LTC3882 Datasheet HTML 4Page - Analog Devices LTC3882 Datasheet HTML 5Page - Analog Devices LTC3882 Datasheet HTML 6Page - Analog Devices LTC3882 Datasheet HTML 7Page - Analog Devices LTC3882 Datasheet HTML 8Page - Analog Devices LTC3882 Datasheet HTML 9Page - Analog Devices LTC3882 Datasheet HTML 10Page - Analog Devices LTC3882 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 110 page
background image
LTC3888-1
7
Rev. 0
For more information www.analog.com
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Difference Amplifiers
DA_VOS
Input Offset Voltage
Referred to VSENSE+
l
–16
16
mV
DA_GE
Gain Error
Nominal Gain at DAOUT: 1.00 (Note 10)
l
–4
4
%
DA_BW
Unity-Gain Crossover Frequency
RL = 40kΩ (Note 16)
25
MHz
DA_IOUT
Maximum Output Current
Sourced, DAOUT = 3.45V
l
325
µA
DA_VMAX
Maximum Output Voltage
3.45
V
Input Voltage Supervisor
NVON
Input ON/OFF Resolution LSB Step
Size
9
54.7
Bits
mV
VON_FS
Full-Scale ON Threshold
28
V
VON_TOL
Input ON/OFF Threshold Accuracy
VIN_ON ≥ 6.5V
l
–2
2
%
Output Voltage Supervisors
VUVOV_TOL
Accuracy (Note 10)
0.5V ≤ VOUT < 1.0V (UV and OV)
1.0V ≤ VOUT ≤ 3.6V (UV and OV)
l
l
–3
–2
3
2
%
%
Output Current Supervisors
NILIMIT
ISENSE Overcurrent Limit Resolution
7
Bits
VOC_FS
Full-Scale Threshold
ISENSEn – IREF
500
mV
VOC_TOL
Accuracy
ISENSEn – IREF ≥ 100mV
l
–6.5
6.5
%
Gate Drive Voltage Supervisors
IVDR_MON
VDR_MON Input Current
VDR_MON = 1.22V
l
–1
1
µA
VDR_UV
UV Threshold
l
1.194
1.243
V
ADC Readback Telemetry (Note 11)
NVIN
VIN Readback Resolution
(Note 12)
10
Bits
VIN_TUE
VIN Total Unadjusted
Readback Error
VIN ≥ 4.5V
l
1
%
NVOUT
VOUT Resolution
LSB Step Size
16
130
Bits
µV
VOUT_TUE
VOUT Total Unadjusted
Readback Error
Constant Load
l
–0.5
±0.2
0.5
%
%
VOUT_OS
VOUT Readback Offset Voltage
±300
µV
NISENSE
IOUT Readback Resolution
(Note 12)
10
Bits
ISENSE_TUE
IOUT Total Unadjusted Readback Error ISENSEn – IREF ≥ 40mV
l
–1
1
%
ISENSE_OS
IOUT Readback Offset Voltage
±125
µV
NTEMP
Temperature Resolution
(Note 12)
10
Bits
TTUE
Temperature Total Unadjusted
Readback Error
0.24V ≤ TSNSn ≤ 1.8V (Note 13)
l
–1.5
1.5
°C
tCONVERT
Update Rate (Note 14)
MFR_PWM_CONFIG_LTC3888-1[6] = 0
MFR_PWM_CONFIG_LTC3888-1[6] = 1
90
45
ms
ms
Internal EEPROM (Note 15)
Endurance
Number of Write Operations
0°C ≤ TJ ≤ 85°C During All Write Operations
l
10,000
Cycles
Retention
Stored Data Retention
TJ ≤ 125°C
l
10
Years
Mass Write Time STORE_USER_ALL Execution
Duration
0°C ≤ TJ ≤ 85°C During All Write Operations
l
0.2
2
s
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Notes 2, 8). VIN = 12V, VSENSEn+ = 1V, VSENSEn– = GND = 0V,
fSYNC = 500kHz (externally driven) unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com